Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAG6SP Datasheet (PDF) - OSRAM GmbH

LAG6SP Datasheet PDF - OSRAM GmbH
Part # LAG6SP
Download  LAG6SP Download
File Size   247.4 Kbytes
Page   15 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Advanced Power TOPLED Enhanced ThinFilm LED Lead (Pb) Free Product - RoHS Compliant

LAG6SP Datasheet (PDF)

Go To PDF Page Download Datasheet
LAG6SP Datasheet PDF - OSRAM GmbH

Part # LAG6SP
Download  LAG6SP Click to download

File Size   247.4 Kbytes
Page   15 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Advanced Power TOPLED Enhanced ThinFilm LED Lead (Pb) Free Product - RoHS Compliant

LAG6SP Datasheet (HTML) - OSRAM GmbH


LAG6SP Product details

Features
• package: white P-LCC-6 package, colorless clear
   resin
• feature of the device: point lightsource with high
   luminous efficiency and low space
• wavelength: 625 nm (red), 617 nm (amber),
   590 nm (yellow)
• viewing angle: Lambertian Emitter (120°)
• technology: InGaAlP ThinFilm®
• optical efficiency: 62 lm/W (amber),
   50 lm/W (red), 34 lm/W (yellow)
• grouping parameter: luminous intensity,
   wavelength, forward voltage
• assembly methods: suitable for all
   SMT assembly methods
• soldering methods: IR reflow soldering
• preconditioning: acc. to JEDEC Level 2
• taping: 12 mm tape with 1000/reel, ø180 mm
• ESD-withstand voltage: up to 2 kV acc. to
   JESD22-A114-D

Applications
• traffic signaling
• backlighting (illuminated advertising, general
   lighting)
• Interior and exterior automotive lighting
   e.g. dashboard backlighting, rear combination
   lamp (RCL)
• substitution of micro incandescent lamps
• portable light souce (e. g. bicycle)
• decorative and entertainment lighting (incl. fiber
   optic illumination)
• signal and symbol luminaire for orientation
• marker lights (e.g. steps, exit ways, etc.)
• indoor and outdoor commercial and residential
   architectural lighting




Similar Part No. - LAG6SP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LAG6SP OSRAM-LAG6SP Datasheet
1Mb / 22P
Advanced Power TOPLED
LAG6SP OSRAM-LAG6SP Datasheet
471Kb / 21P
Advanced Power TOPLED
LAG6SP-DAFA-24-1 OSRAM-LAG6SP-DAFA-24-1 Datasheet
623Kb / 21P
white SMT package, colorless clear
LAG6SP-DAFA-24-1 OSRAM-LAG6SP-DAFA-24-1 Datasheet
1Mb / 22P
Advanced Power TOPLED
LAG6SP-T2U2-1-1+DBFA-24-1 OSRAM-LAG6SP-T2U2-1-1+DBFA-24-1 Datasheet
471Kb / 21P
Advanced Power TOPLED
More results


Similar Description - LAG6SP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LGA676 OSRAM-LGA676 Datasheet
406Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LGN971 OSRAM-LGN971 Datasheet
363Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
LGP47K OSRAM-LGP47K Datasheet
452Kb / 16P
Lead (Pb) Free Product RoHS Compliant
LHQ974 OSRAM-LHQ974 Datasheet
344Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
LSA67B OSRAM-LSA67B Datasheet
369Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LWA67C OSRAM-LWA67C Datasheet
446Kb / 16P
Lead (Pb) Free Product - RoHS Compliant
LWP473 OSRAM-LWP473 Datasheet
501Kb / 17P
Lead (Pb) Free Product RoHS Compliant
Q65110A7501 OSRAM-Q65110A7501 Datasheet
642Kb / 23P
6-lead MULTILED - RGB - white binned Enhanced optical Power LED (ThinFilm / ThinGaN) Lead (Pb) Free Product - RoHS Compliant
LETH3A OSRAM-LETH3A Datasheet
460Kb / 16P
Lead (Pb) Free Product - RoHS Compliant
logo
ams AG
LSYT67B AMSCO-LSYT67B Datasheet
428Kb / 15P
Enhanced Optical Power LED Lead (Pb) Free Product - RoHS Compliant
2012-11-14
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com