Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2621 Datasheet (PDF) - Adafruit Industries

2621 Datasheet PDF - Adafruit Industries
Part # 2621
Download  2621 Download
File Size   456.79 Kbytes
Page   3 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Espruino Pico

2621 Datasheet (PDF)

Go To PDF Page Download Datasheet
2621 Datasheet PDF - Adafruit Industries

Part # 2621
Download  2621 Click to download

File Size   456.79 Kbytes
Page   3 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Espruino Pico

2621 Datasheet (HTML) - Adafruit Industries


2621 Product details

o 22 GPIO pins: 9 analog inputs, 21 PWM, 2 serial, 3 SPI, 3 I2C
o All GPIO is 3.3V but 5 volt tolerant
o 2 rows of 9 0.1" pins, with a third 0.05" row of 8 pins on the end
o On-board USB "PCB Type" connector, plugs right into any computer USB port
o Two on-board LEDs and one button
o STM32F401CDU6 CPU - ARM Cortex
o On-board 3.3v 250mA voltage regulator, accepts voltages from 3.5v to 16v
o Current draw in sleep: < 0.05mA - over 2.5 years on a 2500mAh battery
o On-board FET can be used to drive high-current outputs




Similar Part No. - 2621

ManufacturerPart #DatasheetDescription
logo
Heyco.
2621 HEYCO-2621 Datasheet
141Kb / 1P
Glossy and Thick Panel Glossy Plugs
logo
Eaton All Rights Reserv...
2621-R EATON-2621-R Datasheet
547Kb / 2P
Class H/K, J and R ferrule and blade fuse reducers
logo
Turck, Inc.
26210 TURCK-26210 Datasheet
901Kb / 2P
Capacitive Sensor
11/07/2023
logo
Integrated Technology F...
262101B ITF-262101B Datasheet
179Kb / 2P
200.0 MHz SAW Filter
Rev 1.0 2013. 03. 25
logo
Turck, Inc.
26211 TURCK-26211 Datasheet
900Kb / 2P
Capacitive Sensor
11/07/2023
More results


Similar Description - 2621

ManufacturerPart #DatasheetDescription
logo
Micross Components
LSJPAD20_TO-92 MICROSS-LSJPAD20_TO-92 Datasheet
265Kb / 1P
PICO-AMP DIODE
LSPAD100_TO-72 MICROSS-LSPAD100_TO-72 Datasheet
265Kb / 1P
PICO-AMP DIODE
LSSSTPAD10_SOT-23 MICROSS-LSSSTPAD10_SOT-23 Datasheet
267Kb / 1P
PICO-AMP DIODE
PAD2_TO-72 MICROSS-PAD2_TO-72 Datasheet
264Kb / 1P
PICO-AMP DIODE
logo
Littelfuse
0252.062M- LITTELFUSE-0252.062M- Datasheet
178Kb / 1P
PICO II
0252.250M- LITTELFUSE-0252.250M- Datasheet
178Kb / 1P
PICO II
0252.500M- LITTELFUSE-0252.500M- Datasheet
178Kb / 1P
PICO II
logo
Texas Instruments
DLPC2607 TI1-DLPC2607 Datasheet
1Mb / 43P
PICO Processor
logo
New Jersey Semi-Conduct...
PAD NJSEMI-PAD Datasheet
154Kb / 2P
PICO AMPERE DIODES
logo
VIA Technologies, Inc.
EPIA-E900 VIA-EPIA-E900 Datasheet
575Kb / 2P
Pico-ITXe Series
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com