Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2621 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 2621
Description  Espruino Pico
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2621 Datasheet(HTML) 2 Page - Adafruit Industries

  2621 Datasheet HTML 1Page - Adafruit Industries 2621 Datasheet HTML 2Page - Adafruit Industries 2621 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Note: As of Friday, October 2nd, 2015 we are selling the updated Pico with both a more helpful silkscreen
marking for power, an updated USB power diode, and a 500mA polyfuse added!
The Espruino Pico is a USB stick with a tiny computer and JavaScript interpreter built in, allowing for
instant feedback from whatever device you're working with. Simply set up your code with the Espruino and
send it to the device without having to wait for the board to 'flash.'
The Pico is also designed to be easy to include in your own designs and builds. The .01" pins are easy to fit
in to sockets, and castellated edges mean that unpinned Picos can easily be surface-mounted directly to a
PCB. And to make it even easier, Espruino provided a part library for Eagle CAD that includes the Pico's
footprint in several different configurations.
The Espruino Pico's fast response time has a lot of advantages. It allows for quick and easy debugging and
is a great way to test your project before your big reveal. In addition, you can control the Espruino from
almost anything - Windows, Mac OS, Linux, RasPi, Android, anything that can talk to a USB Serial port.
The Espruino family also interacts well with our NeoPixels. For more info, check out Espruino's page on
the WS2811 and WS2812.
While the main advantage of the Espruino is its instant execution, it can also be used as a traditional board
through a Web-based IDE hosted on your computer. The microcontroller also uses less power than Linux
Boards (although its of course a lot less powerful as well) so will run longer on battery power, it has loads
of IO pins, and it can be used as an IO board for PCs, Macs, or Rasp Pis without having to program it first.
Simply take the Espruino out of its packaging and get started! There's also much more info on the Espruino
Pico page including tutorials, code examples, manuals, datasheets, and more!
Technical Details
o
15mm x 33mm x 3mm / 0.6" x 1.3" x 0.12"
o
Weight: 2g
Note: As of Friday, October 2nd, 2015 we are selling the updated Pico with both a more helpful silkscreen
marking for power, an updated USB power diode, and a 500mA polyfuse added!
 



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com