Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL16C554FN Datasheet (PDF) - Texas Instruments

TL16C554FN Datasheet PDF - Texas Instruments
Part # TL16C554FN
Download  TL16C554FN Download
File Size   523.55 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ASYNCHRONOUS COMMUNICATIONS ELEMENT

TL16C554FN Datasheet (PDF)

Go To PDF Page Download Datasheet
TL16C554FN Datasheet PDF - Texas Instruments

Part # TL16C554FN
Download  TL16C554FN Click to download

File Size   523.55 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ASYNCHRONOUS COMMUNICATIONS ELEMENT

TL16C554FN Datasheet (HTML) - Texas Instruments


TL16C554FN Product details

Integrated Asynchronous Communications
Element
Consists of Four Improved TL16C550 ACEs
Plus Steering Logic
In FIFO Mode, Each ACE Transmitter and
Receiver Is Buffered With 16-Byte FIFO to
Reduce the Number of Interrupts to CPU
In TL16C450 Mode, Hold and Shift
Registers Eliminate Need for Precise
Synchronization Between the CPU and
Serial Data
Up to 16-MHz Clock Rate for up to 1-Mbaud
Operation
Programmable Baud Rate Generators
Which Allow Division of Any Input
Reference Clock by 1 to (216
−1) and
Generate an Internal 16 × Clock
Adds or Deletes Standard Asynchronous
Communication Bits (Start, Stop, and
Parity) to or From the Serial Data Stream
Independently Controlled Transmit,
Receive, Line Status, and Data Set
Interrupts
Fully Programmable Serial Interface
Characteristics:
− 5-, 6-, 7-, or 8-Bit Characters
− Even-, Odd-, or No-Parity Bit
− 1-, 1 1/2-, or 2-Stop Bit Generation
− Baud Generation (DC to 1-Mbit Per
Second)
False Start Bit Detection
Complete Status Reporting Capabilities
Line Break Generation and Detection
Internal Diagnostic Capabilities:
− Loopback Controls for Communications
Link Fault Isolation
− Break, Parity, Overrun, Framing Error
Simulation
Fully Prioritized Interrupt System Controls
Modem Control Functions (CTS, RTS, DSR,
DTR, RI, and DCD)
3-State Outputs Provide TTL Drive
Capabilities for Bidirectional Data Bus and
Control Bus

description
The TL16C554 and the TL16C554I are enhanced quadruple versions of the TL16C550B asynchronous
communications element (ACE). Each channel performs serial-to-parallel conversion on data characters
received from peripheral devices or modems and parallel-to-serial conversion on data characters transmitted
by the CPU. The complete status of each channel of the quadruple ACE can be read at any time during functional
operation by the CPU. The information obtained includes the type and condition of the operation performed and
any error conditions encountered.
The TL16C554 and the TL16C554I quadruple ACE can be placed in an alternate FIFO mode, which activates
the internal FIFOs to allow 16 bytes (plus three bits of error data per byte in the receiver FIFO) to be stored in
both receive and transmit modes. To minimize system overhead and maximize system efficiency, all logic is on
the chip. Two terminal functions allow signaling of direct memory access (DMA) transfers. Each ACE includes
a programmable baud rate generator that can divide the timing reference clock input by a divisor between 1 and
(216−1).
The TL16C554 and the TL16C554I are available in a 68-pin plastic-leaded chip-carrier (PLCC) FN package and
in an 80-pin (TQFP) PN package.




Similar Part No. - TL16C554FN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C554FN TI-TL16C554FN Datasheet
478Kb / 33P
ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554FN TI-TL16C554FN Datasheet
589Kb / 35P
ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554FNG4 TI-TL16C554FNG4 Datasheet
589Kb / 35P
ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554FNR TI-TL16C554FNR Datasheet
589Kb / 35P
ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554FNRG4 TI-TL16C554FNRG4 Datasheet
589Kb / 35P
ASYNCHRONOUS COMMUNICATIONS ELEMENT
More results


Similar Description - TL16C554FN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C450 TI-TL16C450 Datasheet
350Kb / 25P
ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C550A TI-TL16C550A Datasheet
434Kb / 31P
ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C550B TI-TL16C550B Datasheet
499Kb / 35P
ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554 TI-TL16C554 Datasheet
478Kb / 33P
ASYNCHRONOUS COMMUNICATIONS ELEMENT
logo
Intersil Corporation
82C50A INTERSIL-82C50A Datasheet
101Kb / 21P
CMOS Asynchronous Communications Element
March 1997
logo
Texas Instruments
TL16C554A TI-TL16C554A Datasheet
605Kb / 10P
ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C554A TI1-TL16C554A_13 Datasheet
1Mb / 46P
ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C552AFNR TI-TL16C552AFNR Datasheet
473Kb / 38P
DUAL ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554FNR TI-TL16C554FNR Datasheet
589Kb / 35P
ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C450 TI1-TL16C450_09 Datasheet
395Kb / 27P
ASYNCHRONOUS COMMUNICATIONS ELEMENT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com