Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL2843B-Q1 Datasheet (PDF) - Texas Instruments

TL2843B-Q1 Datasheet PDF - Texas Instruments
Part # TL2843B-Q1
Download  TL2843B-Q1 Download
File Size   472.57 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLER

TL2843B-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TL2843B-Q1 Datasheet PDF - Texas Instruments

Part # TL2843B-Q1
Download  TL2843B-Q1 Click to download

File Size   472.57 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLER

TL2843B-Q1 Datasheet (HTML) - Texas Instruments


TL2843B-Q1 Product details

1FEATURES
• Qualified for Automotive Applications
• Low Start-Up Current (<0.5 mA)
• Trimmed Oscillator Discharge Current
• Current Mode Operation to 500 kHz
• Automatic Feed-Forward Compensation
• Latching PWM for Cycle-by-Cycle Current
Limiting
• Internally Trimmed Reference With
Undervoltage Lockout
• High-Current Totem-Pole Output Undervoltage
Lockout With Hysteresis
• Double-Pulse Suppression

DESCRIPTION
The TL284xB series of control integrated circuits provide the features that are necessary to implement off-line or
dc-to-dc fixed-frequency current-mode control schemes, with a minimum number of external components.
Internally implemented circuits include an undervoltage lockout (UVLO) and a precision reference that is trimmed
for accuracy at the error amplifier input. Other internal circuits include logic to ensure latched operation, a
pulse-width modulation (PWM) comparator that also provides current-limit control, and a totem-pole output stage
designed to source or sink high-peak current. The output stage, suitable for driving N-channel MOSFETs, is low
when it is in the off state.
The TL284xB series are pin compatible with the standard TL284x with the following improvements. The start-up
current is specified to be 0.5 mA (max), while the oscillator discharge current is trimmed to 8.3 mA (typ). In
addition, during undervoltage lockout conditions, the output has a maximum saturation voltage of 1.2 V while
sinking 10 mA (VCC = 5 V).
Major differences between members of these series are the UVLO thresholds and maximum duty-cycle ranges.
Typical UVLO thresholds of 16 V (on) and 10 V (off) on the TL2842B and TL2844B devices make them ideally
suited to off-line applications. The corresponding typical thresholds for the TL2843B and TL2845B devices are
8.4 V (on) and 7.6 V (off). The TL2842B and TL2843B devices can operate to duty cycles approaching 100%. A
duty-cycle range of 0% to 50% is obtained by the TL2844B and TL2845B by the addition of an internal toggle
flip-flop, which blanks the output off every other clock cycle.The TL284xB-series devices are characterized for
operation from –40°C to 125°C.




Similar Part No. - TL2843B-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL2843B-Q1 TI1-TL2843B-Q1 Datasheet
284Kb / 16P
HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLER
TL2843B-Q1 TI1-TL2843B-Q1 Datasheet
729Kb / 24P
HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
TL2843B-Q1 TI-TL2843B-Q1_15 Datasheet
286Kb / 18P
HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLER
More results


Similar Description - TL2843B-Q1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UC2842A STMICROELECTRONICS-UC2842A Datasheet
167Kb / 16P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
May-2004
UC2842B STMICROELECTRONICS-UC2842B Datasheet
135Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
UC3842B STMICROELECTRONICS-UC3842B Datasheet
135Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
UC3844T STMICROELECTRONICS-UC3844T Datasheet
228Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Sep-2001
logo
Holtek Semiconductor In...
HT7A3942 HOLTEK-HT7A3942 Datasheet
1Mb / 11P
High Performance Current Mode PWM Controller
logo
STMicroelectronics
UC3844BD1013TR STMICROELECTRONICS-UC3844BD1013TR Datasheet
239Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
UC3845BD1013TR STMICROELECTRONICS-UC3845BD1013TR Datasheet
239Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
E-UC3843BD1 STMICROELECTRONICS-E-UC3843BD1 Datasheet
239Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
logo
Texas Instruments
TL2843B-Q1 TI-TL2843B-Q1_15 Datasheet
286Kb / 18P
HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLER
logo
Semtech Corporation
SC4809A SEMTECH-SC4809A_16 Datasheet
321Kb / 16P
High Performance Current Mode PWM Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com