Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL4242 Datasheet (PDF) - Texas Instruments

TL4242 Datasheet PDF - Texas Instruments
Part # TL4242
Download  TL4242 Download
File Size   453.14 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TL4242 500-mA, Adjustable, Constant-Current LED Driver

TL4242 Datasheet (PDF)

Go To PDF Page Download Datasheet
TL4242 Datasheet PDF - Texas Instruments

Part # TL4242
Download  TL4242 Click to download

File Size   453.14 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TL4242 500-mA, Adjustable, Constant-Current LED Driver

TL4242 Datasheet (HTML) - Texas Instruments


TL4242 Product details

1 Features
1• Adjustable Constant Current up to 500 mA (±5%)
• PWM Brightness Regulation
• Wide Input Voltage Range up to 42 V
• Low Drop Voltage
• Open-Load Detection
• Overtemperature Protection
• Short-Circuit Proof
• Reverse-Polarity Proof
• Wide Temperature Range: –40°C to 150°C

2 Applications
• Signage
• Industrial Lighting
• Printers

3 Description
The TL4242 device is an integrated, adjustable,
constant-current source that can drive loads up to 500 mA. The output current level can be adjusted
through an external resistor. The device is designed
to supply high-power LEDs. The TL4242 is provided
in the DRJ (WSON) package. Protection circuits prevent damage to the device in case of overload,
short circuit, reverse polarity, and overtemperature.
The connected LEDs are protected against reverse
polarity as well as excess voltages up to 45 V.
The integrated PWM input of the TL4242 permits
LED brightness regulation by pulse-width modulation
(PWM). Due to the high input impedance of the PWM
input, the LED driver can be operated as a protected
high-side switch.
The TL4242 is characterized for operation from
–40°C to 150°C.




Similar Part No. - TL4242

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL4242 TI-TL4242 Datasheet
550Kb / 14P
ADJUSTABLE LED DRIVER
TL4242 TI-TL4242 Datasheet
555Kb / 14P
ADJUSTABLE LED DRIVER
TL4242 TI-TL4242 Datasheet
498Kb / 14P
ADJUSTABLE LED DRIVER
TL4242 TI2-TL4242 Datasheet
731Kb / 26P
TL4242-Q1 Adjustable LED Driver
REVISED APRIL 2017
TL4242-Q1 TI-TL4242-Q1 Datasheet
986Kb / 21P
ADJUSTABLE LED DRIVER
More results


Similar Description - TL4242

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP3300 FOSLINK-FSP3300 Datasheet
173Kb / 7P
350 MA CONSTANT-CURRENT LED DRIVER
logo
ON Semiconductor
NSI45020JZT1G ONSEMI-NSI45020JZT1G Datasheet
125Kb / 6P
Adjustable Constant Current Regulator & LED Driver
June, 2010 ??Rev. 0
NSI45060DDT4G ONSEMI-NSI45060DDT4G Datasheet
143Kb / 6P
Adjustable Constant Current Regulator & LED Driver
February, 2010 ??Rev. 0
NSI50150ADT4G ONSEMI-NSI50150ADT4G Datasheet
177Kb / 9P
Adjustable Constant Current Regulator & LED Driver
August, 2012 ??Rev. 0
NSI45020JZ ONSEMI-NSI45020JZ_13 Datasheet
177Kb / 8P
Adjustable Constant Current Regulator & LED Driver
July, 2013 ??Rev. 2
NSI45035JZ ONSEMI-NSI45035JZ_13 Datasheet
178Kb / 8P
Adjustable Constant Current Regulator & LED Driver
July, 2013 ??Rev. 2
NSI45090JDT4G ONSEMI-NSI45090JDT4G_14 Datasheet
164Kb / 8P
Adjustable Constant Current Regulator & LED Driver
April, 2014 ??Rev. 3
logo
SHOUDING Shouding Semic...
SD7136 SHOUDING-SD7136 Datasheet
1Mb / 6P
Adjustable LED constant current driver
logo
Shenzhen Huazhimei Semi...
HM7203 HMSEMI-HM7203 Datasheet
1Mb / 7P
LED constant current adjustable driver
HM7136 HMSEMI-HM7136 Datasheet
582Kb / 9P
Adjustable Constant Current LED Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com