Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL4242 Datasheet (PDF) - Texas Instruments

TL4242 Datasheet PDF - Texas Instruments
Part # TL4242
Download  TL4242 Download
File Size   731.52 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TL4242-Q1 Adjustable LED Driver

TL4242 Datasheet (PDF)

Go To PDF Page Download Datasheet
TL4242 Datasheet PDF - Texas Instruments

Part # TL4242
Download  TL4242 Click to download

File Size   731.52 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TL4242-Q1 Adjustable LED Driver

TL4242 Datasheet (HTML) - Texas Instruments


TL4242 Product details

1 Features
1• Qualified for Automotive Applications
• AEC-Q100 Test Guidance With the Following
Results:
– Device Temperature Grade 2: –40°C to 105°C
Ambient Operating Temperature Range for
WSON package
– Device Temperature Grade 1: –40°C to 125°C
Ambient Operating Temperature Range for
TO-263 package
– Device HBM ESD Classification Level H1C
– Device CDM ESD Classification Level C3B
• Adjustable Constant Current up to 500 mA (±5%)
• Wide Input-Voltage Range up to 42 V
• Low Dropout Voltage
• Open-Load Detection
• Overtemperature Protection
• Short-Circuit Proof
• Reverse-Polarity Proof

2 Applications
Automotive LED Lighting Applications Including:
• Rear Light
• Daytime Running Light
• Fog Light
• Position Light
• Interior Light
• Stop or Tail Light

3 Description
The TL4242-Q1 device is an integrated adjustable
constant-current source, driving loads up to 500 mA.
One can adjust the output current level through an
external resistor. The device design is for supplying
high-power LEDs (for example, OSRAM Dragon LA
W57B) under the severe conditions of automotive
applications, resulting in constant brightness and
extended LED lifetime. The device comes in the DRJ
(WSON) and KTT (TO-263) package. Protection
circuits prevent damage to the device in case of
overload, short-circuit, reverse polarity, and overheat.
The device provides the connected LEDs protection
against reverse polarity as well as excess voltages up
to 45 V.
The integrated PWM input of the TL4242-Q1 device
permits LED brightness regulation by pulse-width
modulation (PWM). The high-input impedance of the
PWM input allows operating the LED driver as a
protected high-side switch.




Similar Part No. - TL4242

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL4242 TI-TL4242 Datasheet
550Kb / 14P
ADJUSTABLE LED DRIVER
TL4242 TI-TL4242 Datasheet
555Kb / 14P
ADJUSTABLE LED DRIVER
TL4242 TI-TL4242 Datasheet
498Kb / 14P
ADJUSTABLE LED DRIVER
TL4242 TI2-TL4242 Datasheet
453Kb / 21P
TL4242 500-mA, Adjustable, Constant-Current LED Driver
REVISED MARCH 2015
TL4242-Q1 TI-TL4242-Q1 Datasheet
986Kb / 21P
ADJUSTABLE LED DRIVER
More results


Similar Description - TL4242

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4241GM INFINEON-TLE4241GM Datasheet
217Kb / 15P
LED Driver with Adjustable Current
Rev. 1.2, 2004-04-13
TLE4242G INFINEON-TLE4242G Datasheet
270Kb / 13P
Adjustable LED Driver
Rev. 1.0, 2004-01-01
logo
Texas Instruments
TL4242 TI-TL4242 Datasheet
550Kb / 14P
ADJUSTABLE LED DRIVER
TL4242 TI-TL4242_09 Datasheet
555Kb / 14P
ADJUSTABLE LED DRIVER
TL4242 TI-TL4242_10 Datasheet
498Kb / 14P
ADJUSTABLE LED DRIVER
logo
Infineon Technologies A...
TLE4241GM INFINEON-TLE4241GM_07 Datasheet
261Kb / 15P
LED Driver with Adjustable Current
Rev. 1.3, 2007-03-19
logo
Texas Instruments
TL4242QKTTRQ1 TI-TL4242QKTTRQ1 Datasheet
986Kb / 21P
ADJUSTABLE LED DRIVER
logo
SHOUDING Shouding Semic...
SD7136 SHOUDING-SD7136 Datasheet
1Mb / 6P
Adjustable LED constant current driver
logo
Shenzhen Huazhimei Semi...
HM7136 HMSEMI-HM7136 Datasheet
582Kb / 9P
Adjustable Constant Current LED Driver
logo
Diodes Incorporated
AL5810Q DIODES-AL5810Q Datasheet
621Kb / 11P
ADJUSTABLE 60V LINEAR LED DRIVER
Rev 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com