Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC354 Datasheet (PDF) - Texas Instruments

TLC354 Datasheet PDF - Texas Instruments
Part # TLC354
Download  TLC354 Download
File Size   691.59 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LinCMOSE QUADRUPLE DIFFERENTIAL COMPARATORS

TLC354 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLC354 Datasheet PDF - Texas Instruments

Part # TLC354
Download  TLC354 Click to download

File Size   691.59 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LinCMOSE QUADRUPLE DIFFERENTIAL COMPARATORS

TLC354 Datasheet (HTML) - Texas Instruments


TLC354 Product details

Single- or Dual-Supply Operation
Wide Range of Supply Voltages
1.4 V to 18 V
Very Low Supply Current Drain
300 mA Typ at 5 V
130 mA Typ at 1.4 V
Built-In ESD Protection
High Input Impedance . . . 1012 W Typ
Extremely Low Input Blas Current
5 pA Typ
Ultrastable Low Input Offset Voltage
Input Offset Voltage Change at Worst-Case
Input Conditions Typically 0.23 mV/Month,
Including the First 30 Days
Common-Mode Input Voltage Range
Includes Ground
Outputs Compatible With TTL, MOS, and
CMOS
Pin-Compatible With LM339

description
This device is fabricated using LinCMOSE technology and consists of four independent differential voltage
comparators; each is designed to operate from a single power supply. Operation from dual supplies is also
possible if the difference between the two supplies is 1.4 V to 18 V. Each device features extremely high input
impedance (typically greater than 1012 W), which allows direct interface to high-impedance sources. The
outputs are n-channel open-drain configurations and can be connected to achieve positive-logic wired-AND
relationships. The capability of the TLC354 to operate from a 1.4-V supply makes this device ideal for
low-voltage battery applications.
The TLC354 has internal electrostatic discharge (ESD) protection circuits and has been classified with a 2000-V
ESD rating tested under MIL-STD-833C, Method 3015. However, care should be exercised in handling this
device as exposure to ESD may result in degradation of the device parametric performance.
The TLC354C is characterized for operation from 0°C to 70°C. The TLC354I is characterized for operation over
the industrial temperature range of –40° to 85°C. The TLC354M is characterized for operation over the full
military temperature range –55°C to 125°C.




Similar Part No. - TLC354

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC354 TI-TLC354 Datasheet
183Kb / 11P
LinCMOSE QUADRUPLE DIFFERENTIAL COMPARATORS
TLC354 TI1-TLC354 Datasheet
634Kb / 18P
LinCMOSE QUADRUPLE DIFFERENTIAL COMPARATORS
TLC3541 TI-TLC3541 Datasheet
481Kb / 23P
5-V. LOW POWER, 14-BIT, 200-KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
TLC3541 TI1-TLC3541 Datasheet
837Kb / 27P
200-KSPS Sampling Rate Built-In Conversion Clock
TLC3541 TI2-TLC3541 Datasheet
757Kb / 29P
5-V, LOW POWER, 14-BIT, 200-KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
DECEMBER 2001
More results


Similar Description - TLC354

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC354 TI-TLC354 Datasheet
183Kb / 11P
LinCMOSE QUADRUPLE DIFFERENTIAL COMPARATORS
TLC372 TI-TLC372 Datasheet
183Kb / 12P
LinCMOSE DUAL DIFFERENTIAL COMPARATORS
TLV2354 TI-TLV2354 Datasheet
300Kb / 20P
LinCMOSE QUADRUPLE LOW-VOLTAGE DIFFERENTIAL COMPARATORS
TLC374 TI-TLC374 Datasheet
771Kb / 28P
LinCMOS QUADRUPLE DIFFERENTIAL COMPARATORS
logo
Linear Dimensions Semic...
LND339 LINEAR_DIMENSIONS-LND339 Datasheet
124Kb / 5P
Quadruple Differential Comparators
logo
Texas Instruments
TLC372 TI1-TLC372_14 Datasheet
1Mb / 27P
LinCMOSE DUAL DIFFERENTIAL COMPARATORS
TLC354 TI1-TLC354_14 Datasheet
634Kb / 18P
LinCMOSE QUADRUPLE DIFFERENTIAL COMPARATORS
TLC372 TI1-TLC372_16 Datasheet
1Mb / 28P
LinCMOSE DUAL DIFFERENTIAL COMPARATORS
TLV2354 TI1-TLV2354_14 Datasheet
787Kb / 19P
LinCMOSE QUADRUPLE LOW-VOLTAGE DIFFERENTIAL COMPARATORS
TLC374 TI-TLC374_V01 Datasheet
1Mb / 28P
LinCMOS QUADRUPLE DIFFERENTIAL COMPARATORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com