Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16LF1507 Datasheet (PDF) - Microchip Technology

PIC16LF1507 Datasheet PDF - Microchip Technology
Part # PIC16LF1507
Download  PIC16LF1507 Download
File Size   6252.01 Kbytes
Page   352 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 14-Pin Flash, 8-Bit Microcontrollers

PIC16LF1507 Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC16LF1507 Datasheet PDF - Microchip Technology

Part # PIC16LF1507
Download  PIC16LF1507 Click to download

File Size   6252.01 Kbytes
Page   352 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 14-Pin Flash, 8-Bit Microcontrollers

PIC16LF1507 Datasheet (HTML) - Microchip Technology


PIC16LF1507 Product details

Special Microcontroller Features:
• Operating Voltage Range:
- 1.8V to 3.6V (PIC16LF1503)
- 2.3V to 5.5V (PIC16F1503)
• Self-Programmable under Software Control
• Power-on Reset (POR)
• Power-up Timer (PWRT)
• Programmable Low-Power Brown-out Reset
(LPBOR)
• Extended Watchdog Timer (WDT):
- Programmable period from 1 ms to 256s
• Programmable Code Protection
• In-Circuit Serial Programming™ (ICSP™) via Two
Pins
• Enhanced Low-Voltage Programming (LVP)
• In-Circuit Debug (ICD) via Two Pins
• Power-Saving Sleep mode:
- Low-Power Sleep mode
- Low-Power BOR (LPBOR)
• Integrated Temperature Indicator
• 128 Bytes High-Endurance Flash
- 100,000 write Flash endurance (minimum)

eXtreme Low-Power (XLP) Features
(PIC16LF1503):
• Sleep Current:
- 20 nA @ 1.8V, typical
• Watchdog Timer Current:
- 260 nA @ 1.8V, typical
• Operating Current:
- 30 A/MHz @ 1.8V, typical

Peripheral Features:
• Analog-to-Digital Converter (ADC):
- 10-bit resolution
- Eight external channels
- Three internal channels:
- Fixed Voltage Reference
- Digital-to-Analog Converter (DAC)
- Temperature Indicator channel
- Auto acquisition capability
- Conversion available during Sleep
• 5-Bit Digital-to-Analog Converter (DAC):
- Output available externally
- Positive reference selection
- Internal connections to comparators and ADC
• Two Comparators:
- Rail-to-rail inputs
- Power mode control
- Software controllable hysteresis
• Voltage Reference:
- 1.024V Fixed Voltage Reference (FVR) with
1x, 2x and 4x Gain output levels
• 12 I/O Pins (1 Input-only Pin):
- High current sink/source 25 mA/25 mA
- Individually programmable weak pull-ups
- Individually programmable
Interrupt-on-Change (IOC) pins
• Timer0: 8-Bit Timer/Counter with 8-Bit
Programmable Prescaler
• Enhanced Timer1:
- 16-bit timer/counter with prescaler
- External Gate Input mode
• Timer2: 8-Bit Timer/Counter with 8-Bit Period
Register, Prescaler and Postscaler
• Four 10-bit PWM modules
• Master Synchronous Serial Port (MSSP) with SPI
and I2C with:
- 7-bit address masking
- SMBus/PMBus™ compatibility




Similar Part No. - PIC16LF1507

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16LF1507 MICROCHIP-PIC16LF1507 Datasheet
2Mb / 266P
20-Pin Flash, 8-Bit Microcontrollers
2011
PIC16LF1507 MICROCHIP-PIC16LF1507 Datasheet
6Mb / 422P
20-Pin Flash, 8-Bit Microcontrollers with XLP Technology
11/29/12 2011-2013
PIC16LF1507 MICROCHIP-PIC16LF1507 Datasheet
5Mb / 278P
20-Pin Flash, 8-Bit Microcontrollers
07/14/15
PIC16LF1507T-EMLQTP MICROCHIP-PIC16LF1507T-EMLQTP Datasheet
2Mb / 266P
20-Pin Flash, 8-Bit Microcontrollers
05/02/11
PIC16LF1507T-EMLSQTP MICROCHIP-PIC16LF1507T-EMLSQTP Datasheet
2Mb / 266P
20-Pin Flash, 8-Bit Microcontrollers
05/02/11
More results


Similar Description - PIC16LF1507

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12F508 MICROCHIP-PIC12F508 Datasheet
1Mb / 98P
8/14-Pin, 8-Bit Flash Microcontrollers
2004
PIC12F508 MICROCHIP-PIC12F508_07 Datasheet
1Mb / 100P
8/14-Pin, 8-Bit Flash Microcontrollers
2007
PIC12F508 MICROCHIP-PIC12F508_09 Datasheet
1Mb / 110P
8/14-Pin, 8-Bit Flash Microcontrollers
2009
PIC16LF1503 MICROCHIP-PIC16LF1503 Datasheet
3Mb / 340P
14-Pin Flash, 8-Bit Microcontrollers
2011
PIC12F529T48A MICROCHIP-PIC12F529T48A Datasheet
981Kb / 98P
14-Pin, 8-Bit Flash Microcontrollers
11/29/11
PIC16F1503-I-MG MICROCHIP-PIC16F1503-I-MG Datasheet
3Mb / 340P
14-Pin Flash, 8-Bit Microcontrollers
08/02/11
PIC12F509-I MICROCHIP-PIC12F509-I Datasheet
1Mb / 110P
8/14-Pin, 8-Bit Flash Microcontrollers
03/26/09
PIC16LF1503-I MICROCHIP-PIC16LF1503-I Datasheet
3Mb / 340P
14-Pin Flash, 8-Bit Microcontrollers
08/02/11
PIC12F508T-I MICROCHIP-PIC12F508T-I Datasheet
1Mb / 106P
8/14-Pin, 8-Bit Flash Microcontrollers
03/26/09
PIC12F510-I MICROCHIP-PIC12F510-I Datasheet
1Mb / 124P
8/14-Pin, 8-Bit Flash Microcontrollers
10/05/07
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com