Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N12 Datasheet (PDF) - XP Power Limited

N12 Datasheet PDF - XP Power Limited
Part # N12
Download  N12 Download
File Size   4511.83 Kbytes
Page   12 Pages
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited
Description AC-DC PO WER SUPPLIES

N12 Datasheet (PDF)

Go To PDF Page Download Datasheet
N12 Datasheet PDF - XP Power Limited

Part # N12
Download  N12 Click to download

File Size   4511.83 Kbytes
Page   12 Pages
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited
Description AC-DC PO WER SUPPLIES

N12 Datasheet (HTML) - XP Power Limited


N12 Product details

Features
• Configurable power supply
• Low profile for 1U applications
• Medical and ITE approvals
• Power from 850W at low line to 1200W at high line
• Output voltages from 3V3 to 60V
• Module power up to 300W
• Parallel options for increased versatility
• PMBus digital interface
• Graphical user interface (GUI)
• Optional reverse air fans with no load derating
• 3 year warranty

Applications
Healthcare
Semi-fab
Industrial Electronics & Robotics
Instrumentation
Technology




Similar Part No. - N12

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
N12-CCHB-12A00 XPPOWER-N12-CCHB-12A00 Datasheet
1Mb / 10P
AC-DC Power Supplies
logo
Heyco.
N120 HEYCO-N120 Datasheet
147Kb / 1P
Polyurethane Adhesive-Back Bumpers
logo
Artesyn Technologies
N1200-96-0 ARTESYN-N1200-96-0 Datasheet
65Kb / 4P
Single, dual, triple and quad output 1000 and 1200 Watt AC/DC high wattage power supplies with PFC
N1200-96-1 ARTESYN-N1200-96-1 Datasheet
65Kb / 4P
Single, dual, triple and quad output 1000 and 1200 Watt AC/DC high wattage power supplies with PFC
N1200-96-1122 ARTESYN-N1200-96-1122 Datasheet
65Kb / 4P
Single, dual, triple and quad output 1000 and 1200 Watt AC/DC high wattage power supplies with PFC
More results


Similar Description - N12

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
HPA1K5 XPPOWER-HPA1K5 Datasheet
2Mb / 9P
AC-DC PO WER SUPPLIES
LCW100 XPPOWER-LCW100 Datasheet
1Mb / 5P
AC-DC PO WER SUPPLIES
LCW200 XPPOWER-LCW200 Datasheet
1Mb / 7P
AC-DC PO WER SUPPLIES
LCW320 XPPOWER-LCW320 Datasheet
1Mb / 6P
AC-DC PO WER SUPPLIES
LCW35 XPPOWER-LCW35 Datasheet
1Mb / 5P
AC-DC PO WER SUPPLIES
LCW50 XPPOWER-LCW50 Datasheet
1Mb / 5P
AC-DC PO WER SUPPLIES
LCW75 XPPOWER-LCW75 Datasheet
1Mb / 5P
AC-DC PO WER SUPPLIES
AMF24 XPPOWER-AMF24 Datasheet
2Mb / 6P
AC-DC PO WER SUPPLIES
09 March 2022
AMF36 XPPOWER-AMF36 Datasheet
2Mb / 6P
AC-DC PO WER SUPPLIES
15 March 2022
ASB160 XPPOWER-ASB160 Datasheet
1Mb / 5P
AC-DC PO WER SUPPLIES AC-DC PO WER SUPPLIES
18 January 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com