Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3150 Datasheet (PDF) - Adafruit Industries

3150 Datasheet PDF - Adafruit Industries
Part # 3150
Download  3150 Download
File Size   232.01 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Adafruit 0.8" 8x16 LED Matrix FeatherWing Display Kit - Blue

3150 Datasheet (PDF)

Go To PDF Page Download Datasheet
3150 Datasheet PDF - Adafruit Industries

Part # 3150
Download  3150 Click to download

File Size   232.01 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Adafruit 0.8" 8x16 LED Matrix FeatherWing Display Kit - Blue

3150 Datasheet (HTML) - Adafruit Industries




Similar Part No. - 3150

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3150 ALLEGRO-3150 Datasheet
100Kb / 12P
PROGRAMMABLE, CHOPPERSTABILIZED, HALL-EFFECT SWITCH
April 12, 1999
logo
List of Unclassifed Man...
3150 ETC1-3150 Datasheet
48Kb / 1P
4700
3150 ETC2-3150 Datasheet
113Kb / 2P
FLAT WASHERS NYLON FIBRE
logo
KR Electronics, Inc.
3150 KR-3150 Datasheet
97Kb / 3P
1 MHz Notch Frequency
logo
Pentair plc. All rights...
3150 PENTAIR-3150 Datasheet
275Kb / 2P
VANNE DE COMMANDE DE 2 POUCE
More results


Similar Description - 3150

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BM-40258 ETC-BM-40258 Datasheet
182Kb / 1P
LED DOT MATRIX DISPLAY
logo
Yellow Stone Corp
BM-07257MD YSTONE-BM-07257MD Datasheet
124Kb / 1P
LED DOT MATRIX DISPLAY
logo
BRIGHT LED ELECTRONICS ...
BM-10EG58ND BRIGHT-BM-10EG58ND Datasheet
165Kb / 3P
LED DOT MATRIX DISPLAY
BM-20EG88ND BRIGHT-BM-20EG88ND Datasheet
182Kb / 3P
LED DOT MATRIX DISPLAY
BM-22EG58ND BRIGHT-BM-22EG58ND Datasheet
92Kb / 1P
LED DOT MATRIX DISPLAY
BM-08288MD BRIGHT-BM-08288MD Datasheet
314Kb / 3P
20.20mm(0.8) matrix height 8횞8 dot matrix display
BM-08658MD BRIGHT-BM-08658MD Datasheet
354Kb / 3P
20.3mm (0.8) matrix height 5횞8 dot matrix display
logo
BetLux Electronics
BL-M07C881 BETLUX-BL-M07C881 Datasheet
367Kb / 5P
20.20mm (0.8) :u1.9 dot matrix LED display
REV NO: V.2
logo
JFW Industries, Inc.
50MS-335 JFW-50MS-335 Datasheet
72Kb / 1P
8x16 NON-BLOCKING MATRIX SWITCH
logo
List of Unclassifed Man...
TOM-2057BS-B ETC1-TOM-2057BS-B Datasheet
356Kb / 2P
Dot Matrix Display LED
2019/2/15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com