Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAJ240055 Datasheet (PDF) - Renesas Technology Corp

RAJ240055 Datasheet PDF - Renesas Technology Corp
Part # RAJ240055
Download  RAJ240055 Download
File Size   2699.26 Kbytes
Page   76 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2 to 4 Series Li-ion Battery Manager

RAJ240055 Datasheet (PDF)

Go To PDF Page Download Datasheet
RAJ240055 Datasheet PDF - Renesas Technology Corp

Part # RAJ240055
Download  RAJ240055 Click to download

File Size   2699.26 Kbytes
Page   76 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2 to 4 Series Li-ion Battery Manager

RAJ240055 Datasheet (HTML) - Renesas Technology Corp


RAJ240055 Product details

◼ Fully integrated battery management solution with
battery capacity measurement and programmable
protection capability.
◼ Supports up to 4 Li-ion or Li-Polymer battery cells in series.
◼ Supports various self-diagnosis functions for functional safety.
◼ Integrated with Renesas Ultra Low Power RL78 CPU core for multi-function process.
◼ Memory
Code flash memory: 64 kB / 128 kB
Data flash memory (up to 100,000 erase/write cycles): 4 kB
SRAM: 4 kB / 7 kB
◼ Clock generator
High speed on-chip oscillator: up to 32 MHz
Low speed on-chip oscillator: 15 kHz
AFE high speed on-chip oscillator: 4.194 MHz
AFE low speed on-chip oscillator: 131.072 kHz
◼ General Purpose I/O Ports
Total: 12 pins
CMOS input/output: 6, CMOS input: 1
N-ch open drain input/output [6 V tolerance]: 3
High voltage input [30 V tolerance]: 1
High voltage input/output [VCC tolerance]: 1




Similar Part No. - RAJ240055

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAJ240045 RENESAS-RAJ240045 Datasheet
1Mb / 67P
Integrated Li-ION Battery Managemer for 2-4 Series Cell
RAJ240045 RENESAS-RAJ240045 Datasheet
3Mb / 60P
2 to 4 Series Li-ion Battery Manager
Feb. 23, 2018
RAJ240045 RENESAS-RAJ240045_V01 Datasheet
3Mb / 60P
2 to 4 Series Li-ion Battery Manager
Feb. 23, 2018
RAJ240047 RENESAS-RAJ240047 Datasheet
3Mb / 67P
Integrated Li-ION Battery Management IC for 2-4 Series Cell
Feb 15, 2019
RAJ240071 RENESAS-RAJ240071 Datasheet
5Mb / 58P
2 to 5 Series Li-ion Battery Manager
Dec. 14, 2018
More results


Similar Description - RAJ240055

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ3050 TI-BQ3050 Datasheet
735Kb / 28P
2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ3055 TI-BQ3055 Datasheet
632Kb / 23P
2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ30Z554-R1 TI1-BQ30Z554-R1 Datasheet
923Kb / 29P
2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ3055 TI1-BQ3055_14 Datasheet
914Kb / 27P
2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ40Z50-R1 TI1-BQ40Z50-R1 Datasheet
3Mb / 55P
Li-Ion Battery Pack Manager
BQ40Z80 TI1-BQ40Z80 Datasheet
1Mb / 46P
2-Series to 7-Series Li-Ion Battery Pack Manager
logo
Renesas Technology Corp
RAJ240045 RENESAS-RAJ240045_V01 Datasheet
3Mb / 60P
2 to 4 Series Li-ion Battery Manager
Feb. 23, 2018
RAJ240071 RENESAS-RAJ240071 Datasheet
5Mb / 58P
2 to 5 Series Li-ion Battery Manager
Dec. 14, 2018
RAJ240090 RENESAS-RAJ240090_V01 Datasheet
3Mb / 85P
3 to 10 Series Li-ion Battery Manager
Jan.17, 2020
RAJ240310 RENESAS-RAJ240310 Datasheet
3Mb / 65P
3 to 10 Series Li-ion Battery Manager
May 31, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com