Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC59211 Datasheet (PDF) - Texas Instruments

TLC59211 Datasheet PDF - Texas Instruments
Part # TLC59211
Download  TLC59211 Download
File Size   482.88 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLC59211 8-Bit DMOS Sink Driver

TLC59211 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLC59211 Datasheet PDF - Texas Instruments

Part # TLC59211
Download  TLC59211 Click to download

File Size   482.88 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLC59211 8-Bit DMOS Sink Driver

TLC59211 Datasheet (HTML) - Texas Instruments


TLC59211 Product details

1 Features
1• DMOS Process
• High Voltage Output (Vds = 30 V)
• Output Current on Each Channel
(Ids Max = 200 mA)
• Latch-Up Performance Exceeds 250 mA Per
JEDEC Standard JESD-17
• ESD Protection Exceeds JESD 22
– 2000-V Human Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged Device Model (C101)
• LED Driver Application
• Output Clamp Diode (Parasitic)

2 Applications
• Lamps and Display (LED)
• Hammers
• Relay

3 Description
The TLC59211 is an 8-bit LED and solenoid driver
designed for 5-V VCC operation.
The TLC59211 is characterized for operation from
–40°C to 85°C.




Similar Part No. - TLC59211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59211 TI-TLC59211 Datasheet
324Kb / 12P
8-BIT DMOS SINK DRIVER
TLC59211IN TI-TLC59211IN Datasheet
324Kb / 12P
8-BIT DMOS SINK DRIVER
TLC59211IPWR TI-TLC59211IPWR Datasheet
324Kb / 12P
8-BIT DMOS SINK DRIVER
More results


Similar Description - TLC59211

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
6259 ALLEGRO-6259 Datasheet
172Kb / 10P
8-BIT ADDRESSABLE DMOS POWER DRIVER
January 24, 2000
6A259 ALLEGRO-6A259 Datasheet
205Kb / 10P
8-BIT ADDRESSABLE DMOS POWER DRIVER
March 22, 2000
6B259 ALLEGRO-6B259 Datasheet
143Kb / 12P
8-BIT ADDRESSABLE DMOS POWER DRIVER
January 24, 2000
6B273 ALLEGRO-6B273_02 Datasheet
591Kb / 10P
8-BIT LATCHED DMOS POWER DRIVER
logo
Texas Instruments
TLC59210 TI-TLC59210 Datasheet
347Kb / 13P
8-BIT DMOS SINK DRIVER WITH LATCH
TLC59211 TI-TLC59211 Datasheet
324Kb / 12P
8-BIT DMOS SINK DRIVER
TLC59210 TI1-TLC59210 Datasheet
908Kb / 22P
8-BIT DMOS Sink Driver With Latch
logo
Allegro MicroSystems
A6A259 ALLEGRO-A6A259 Datasheet
204Kb / 11P
8-Bit Addressable, DMOS Power Driver
A6B273 ALLEGRO-A6B273 Datasheet
937Kb / 11P
8-Bit Latched, DMOS Power Driver
A6273 ALLEGRO-A6273 Datasheet
178Kb / 11P
8-Bit Latched, DMOS Power Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com