Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6B259 Datasheet (PDF) - Allegro MicroSystems

6B259 Datasheet PDF - Allegro MicroSystems
Part # 6B259
Download  6B259 Download
File Size   143.2 Kbytes
Page   12 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description 8-BIT ADDRESSABLE DMOS POWER DRIVER

6B259 Datasheet (PDF)

Go To PDF Page Download Datasheet
6B259 Datasheet PDF - Allegro MicroSystems

Part # 6B259
Download  6B259 Click to download

File Size   143.2 Kbytes
Page   12 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description 8-BIT ADDRESSABLE DMOS POWER DRIVER

6B259 Datasheet (HTML) - Allegro MicroSystems


6B259 Product details

The A6B259KA and A6B259KLW combine a 3-to-8 line CMOS decoder and accompanying data latches, control circuitry, and DMOS outputs in a multi-functional power driver capable of storing single-line data in the addressable latches or use as a decoder or demuliplexer. Driver applications include relays, solenoids, and other medium current or high-voltage peripheral power loads.
The CMOS inputs and latches allow direct interfacing with microprocessor-based systems. Use with TTL may require appropriate pull up resistors to ensure an input logic high. Four modes of operation are selectable with the CLEAR and ENABLE inputs.
The A6B259KA/KLW DMOS open-drain outputs are capable of sinking up to 500 mA. Similar devices with reduced rDS(on) are available as the A6259KA/KLW.
The A6B259KA is furnished in a 20-pin dual in-line plastic package. The A6B259KLW is furnished in a 20-lead wide-body, small-outline plastic package (SOIC) with gull-wing leads for surface mount applications. Copper lead frames, reduced supply current requirements, and low on-state resistance allow either device to sink 150 mA from all outputs continuously, to ambient temperatures greater than 85°C.

FEATURES
■ 50 V Minimum Output Clamp Voltage
■ 150 mA Output Current (all outputs simultaneously)
■ 5 Ω Typical rDS(on)
■ Low Power Consumption
■ Replacements for TPIC6B259N and TPIC6B259DW




Similar Part No. - 6B259

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
6B2 DIOTEC-6B2 Datasheet
296Kb / 2P
Surface mount Silicon Planar Zener Diodes
logo
Analog Devices
6B21 AD-6B21 Datasheet
361Kb / 8P
Isolated, Field Configurable Analog Input
6B21 AD-6B21_15 Datasheet
362Kb / 8P
Isolated, Field Configurable Analog Input
REV. 0
logo
Allegro MicroSystems
6B273 ALLEGRO-6B273 Datasheet
129Kb / 12P
8-BIT LATCHED DMOS POWER DRIVER
January 24, 2000
6B273 ALLEGRO-6B273_02 Datasheet
591Kb / 10P
8-BIT LATCHED DMOS POWER DRIVER
More results


Similar Description - 6B259

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
6259 ALLEGRO-6259 Datasheet
172Kb / 10P
8-BIT ADDRESSABLE DMOS POWER DRIVER
January 24, 2000
6273 ALLEGRO-6273 Datasheet
172Kb / 10P
8-BIT LATCHED DMOS POWER DRIVER
January 24, 2000
6A259 ALLEGRO-6A259 Datasheet
205Kb / 10P
8-BIT ADDRESSABLE DMOS POWER DRIVER
March 22, 2000
6B273 ALLEGRO-6B273 Datasheet
129Kb / 12P
8-BIT LATCHED DMOS POWER DRIVER
January 24, 2000
6B273 ALLEGRO-6B273_02 Datasheet
591Kb / 10P
8-BIT LATCHED DMOS POWER DRIVER
A6A259 ALLEGRO-A6A259 Datasheet
204Kb / 11P
8-Bit Addressable, DMOS Power Driver
A6B259 ALLEGRO-A6B259 Datasheet
159Kb / 11P
8-Bit Addressable, DMOS Power Driver
A6B273 ALLEGRO-A6B273 Datasheet
937Kb / 11P
8-Bit Latched, DMOS Power Driver
A6259 ALLEGRO-A6259 Datasheet
194Kb / 11P
8-Bit Addressable DMOS Power Driver
A6273 ALLEGRO-A6273 Datasheet
178Kb / 11P
8-Bit Latched, DMOS Power Driver
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com