Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6259 Datasheet (PDF) - Allegro MicroSystems

A6259 Datasheet PDF - Allegro MicroSystems
Part # A6259
Download  A6259 Download
File Size   194.72 Kbytes
Page   11 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description 8-Bit Addressable DMOS Power Driver

A6259 Datasheet (PDF)

Go To PDF Page Download Datasheet
A6259 Datasheet PDF - Allegro MicroSystems

Part # A6259
Download  A6259 Click to download

File Size   194.72 Kbytes
Page   11 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description 8-Bit Addressable DMOS Power Driver

A6259 Datasheet (HTML) - Allegro MicroSystems


A6259 Product details

The A6259KA and A6259KLW combine a 3-to-8 line CMOS decoder and accompanying data latches, control circuitry, and DMOS outputs in a multi-functional power driver capable of storing single-line data in the addressable latches or use as a decoder or demuliplexer. Driver applications include relays, solenoids, and other medium-current or high-voltage peripheral power loads.
The CMOS inputs and latches allow direct interfacing with microprocessor-based systems. Use with TTL may require appropriate pullup resistors to ensure an input logic high. Four modes of operation are selectable with the CLEAR and ENABLE inputs.
The addressed DMOS output inverts the DATA input with all unaddressed outputs remaining in their previous states. All of the output drivers are disabled (the DMOS sink drivers turned off) with the CLEAR input low and the ENABLE input high. The A6259KA/KLW DMOS open-drain outputs are capable of sinking up to 750 mA. Similar devices with reduced rDS(on) are available as the A6A259. The A6259KA is furnished in a 20-pin dual in-line plastic package. The A6259KLW is furnished in a 20-lead wide-body, small-outline plastic package (SOIC) with gull-wing leads for surface-mount applications. Copper lead frames, reduced supply current requirements, and low on-state resistance allow both devices to sink 150 mA from all outputs continuously, to ambient temperatures over 85°C.

FEATURES
■ 50 V Minimum Output Clamp Voltage
■ 250 mA Output Current (all outputs simultaneously)
■ 1.3 Ω Typical rDS(on)
■ Low Power Consumption
■ Replacements for TPIC6259N and TPIC6259DW




Similar Part No. - A6259

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6259H ALLEGRO-A6259H Datasheet
897Kb / 13P
Universal-Input 13 W 100 kHz Flyback Switching Regulators
A6259KA ALLEGRO-A6259KA Datasheet
172Kb / 10P
8-BIT ADDRESSABLE DMOS POWER DRIVER
January 24, 2000
A6259KLW ALLEGRO-A6259KLW Datasheet
172Kb / 10P
8-BIT ADDRESSABLE DMOS POWER DRIVER
January 24, 2000
More results


Similar Description - A6259

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
6259 ALLEGRO-6259 Datasheet
172Kb / 10P
8-BIT ADDRESSABLE DMOS POWER DRIVER
January 24, 2000
6273 ALLEGRO-6273 Datasheet
172Kb / 10P
8-BIT LATCHED DMOS POWER DRIVER
January 24, 2000
6A259 ALLEGRO-6A259 Datasheet
205Kb / 10P
8-BIT ADDRESSABLE DMOS POWER DRIVER
March 22, 2000
6B259 ALLEGRO-6B259 Datasheet
143Kb / 12P
8-BIT ADDRESSABLE DMOS POWER DRIVER
January 24, 2000
6B273 ALLEGRO-6B273 Datasheet
129Kb / 12P
8-BIT LATCHED DMOS POWER DRIVER
January 24, 2000
6B273 ALLEGRO-6B273_02 Datasheet
591Kb / 10P
8-BIT LATCHED DMOS POWER DRIVER
A6A259 ALLEGRO-A6A259 Datasheet
204Kb / 11P
8-Bit Addressable, DMOS Power Driver
A6B259 ALLEGRO-A6B259 Datasheet
159Kb / 11P
8-Bit Addressable, DMOS Power Driver
A6B273 ALLEGRO-A6B273 Datasheet
937Kb / 11P
8-Bit Latched, DMOS Power Driver
A6273 ALLEGRO-A6273 Datasheet
178Kb / 11P
8-Bit Latched, DMOS Power Driver
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com