Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6B21 Datasheet (PDF) - Analog Devices

6B21 Datasheet PDF - Analog Devices
Part # 6B21
Download  6B21 Download
File Size   361.05 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Isolated, Field Configurable Analog Input

6B21 Datasheet (PDF)

Go To PDF Page Download Datasheet
6B21 Datasheet PDF - Analog Devices

Part # 6B21
Download  6B21 Click to download

File Size   361.05 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Isolated, Field Configurable Analog Input

6B21 Datasheet (HTML) - Analog Devices


6B21 Product details

PRODUCT OVERVIEW

The 6B Series delivers sensor-to-host signal-conditioning for remote applications. Software-configurable for a wide variety of sensor types, including: analog input, analog output, and digital I/O, the 6B Series is intended for remote data acquisition, machine monitoring, remote energy management and process monitoring and control applications.



GENERAL DESCRIPTION

The 6B21 is a single-channel signal-conditioning module which provides a digitally-controlled isolated current loop output to a resolution of 12 bits. The output range can be selected to either a 0 to 20 mA or 4 mA to 20 mA process current. It is electrically and mechanically compatible with the 6B Series input modules and backplanes. The 6B21 takes a command from the host computer and converts it into an isolated process current suitable for interfacing with valves and actuators. The 6B21 offers a normal mode output protection of 240 V rms as well as 1500 V rms CMV isolation. In addition the actual current flowing in the current loop is read back by an on-board isolated V/F (voltage-to-frequency) converter.



FEATURES

  Module accepts commands from the host computer and converts it into an isolated process current suitable for interfacing with valves and actuators.

  Complete microcomputer-based data acquisition systems.

  Output range can be selected to either a 0 to 20 mA or 4 mA to 20 mA process current.



APPLICATIONS

  Process Monitoring & Control

  Test Stand Automation

  Machine Monitoring

  Material Testing

  Remote Energy Mangement

  Laboratory Data Acquisition



 




Similar Part No. - 6B21

ManufacturerPart #DatasheetDescription
logo
Analog Devices
6B21 AD-6B21_15 Datasheet
362Kb / 8P
Isolated, Field Configurable Analog Input
REV. 0
More results


Similar Description - 6B21

ManufacturerPart #DatasheetDescription
logo
Analog Devices
6B11 AD-6B11 Datasheet
416Kb / 8P
Isolated, Field Configurable Analog Input
6B50-1 AD-6B50-1 Datasheet
488Kb / 8P
Isolated, Field Configurable Digital I/O
6B11 AD-6B11_15 Datasheet
421Kb / 8P
Isolated, Field Configurable Analog Input
REV. 0
6B11HV AD-6B11HV_15 Datasheet
421Kb / 8P
Isolated, Field Configurable Analog Input
REV. 0
6B12 AD-6B12_15 Datasheet
372Kb / 8P
Isolated, Field Configurable Analog Input
REV. 0
6B12HV AD-6B12HV_15 Datasheet
372Kb / 8P
Isolated, Field Configurable Analog Input
REV. 0
6B13HV AD-6B13HV_15 Datasheet
374Kb / 8P
Isolated, Field Configurable Analog Input
REV. 0
6B13 AD-6B13_15 Datasheet
374Kb / 8P
Isolated, Field Configurable Analog Input
REV. 0
6B21 AD-6B21_15 Datasheet
362Kb / 8P
Isolated, Field Configurable Analog Input
REV. 0
6B50-1 AD-6B50-1_15 Datasheet
489Kb / 8P
Isolated, Field Configurable Digital I/O
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com