Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6B21 Datasheet(PDF) 3 Page - Analog Devices

Part # 6B21
Description  Isolated, Field Configurable Analog Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

6B21 Datasheet(HTML) 3 Page - Analog Devices

  6B21 Datasheet HTML 1Page - Analog Devices 6B21 Datasheet HTML 2Page - Analog Devices 6B21 Datasheet HTML 3Page - Analog Devices 6B21 Datasheet HTML 4Page - Analog Devices 6B21 Datasheet HTML 5Page - Analog Devices 6B21 Datasheet HTML 6Page - Analog Devices 6B21 Datasheet HTML 7Page - Analog Devices 6B21 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
6B21
Rev. 0 | Page 3 of 8
Model 6B21
Range Description
(Software Configurable)
Accuracy
(Typical)
Accuracy
(Maximum)
0 mA to 20 mA
±0.02 % FSR
±0.05 % FSR
4 mA to 20 mA
±0.02 % FSR
±0.05 %FSR
6B21 Specifications
(typical @ +25°C and Vs = +5 V dc)
Description
Model 6B21
Output, Software Selectable
Current, Operating Ranges
0 mA to 20 mA or 4 mA to 20 mA
Current, Over-range
+2 mA ±200 µA
Load Resistance
0 to 750
Ω
Communications
Protocol
RS-485
Baud Rates, Software selectable
300K, 600K, 1.2K, 2.4K. 9.6K, 19.2K
Output Current
Initial Accuracy
Output Offset
±5 µA (±15 µA maximum)
Span
±0.02% Full Scale Range
(±0.05%, max.)
Accuracy vs. Temperature
Output Offset Current
±1 µA°C
Gain
±50 ppm/°C
Resolution
±0.02% Full Scale Range
Nonlinearity
±0.02% Full Scale Range
Output Noise, 0.1 Hz to 100 Hz Bandwidth
1 µA peak-to-peak
Bandwidth, -3 dB
3 Hz
Conversion Rate
100 samples/second
Setting Time
1 ms to ±0.1% Full Scale Range
Output Slew Rate
Software Selectable (11 Binary Ranges)
0.125 mA/sec to 128 mA/sec
Common-Mode Voltage (CMV)
Output-to-Input and Power
1500 V rms continuous
Common Mode Rejection (CMR)
Output-to-Input and Power @60 Hz
108 dB
Output Protection
240 V rms, continuous
Output Transient Protection
ANSI/IEEE C37.90.1-1989



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com