Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6B21 Datasheet(PDF) 2 Page - Analog Devices

Part # 6B21
Description  Isolated, Field Configurable Analog Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

6B21 Datasheet(HTML) 2 Page - Analog Devices

  6B21 Datasheet HTML 1Page - Analog Devices 6B21 Datasheet HTML 2Page - Analog Devices 6B21 Datasheet HTML 3Page - Analog Devices 6B21 Datasheet HTML 4Page - Analog Devices 6B21 Datasheet HTML 5Page - Analog Devices 6B21 Datasheet HTML 6Page - Analog Devices 6B21 Datasheet HTML 7Page - Analog Devices 6B21 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
6B21
Rev. 0 | Page 2 of 8
GENERAL DESCRIPTION
The 6B21 is a single-channel signal-conditioning module which
provides a digitally-controlled isolated current loop output to a
resolution of 12 bits. The output range can be selected to either
a 0 to 20 mA or 4 mA to 20 mA process current. It is electrically
and mechanically compatible with the 6B Series input modules
and backplanes. The 6B21 takes a command from the host
computer and converts it into an isolated process current
suitable for interfacing with valves and actuators. The 6B21
offers a normal mode output protection of 240 V rms as well as
1500 V rms CMV isolation. In addition the actual current
flowing in the current loop is read back by an on-board isolated
V/F (voltage-to-frequency) converter.
The 6B21 can be software-configured for address, output range,
baud rate, data format, checksum status, slew rate, and start-up
value. All programmable parameters are stored in the
nonvolatile memory of the module.
An on-board microcontroller communicates with the host
through an RS-485 port to exchange command and status
information. An included EEPROM stores calibration constants
as well as configuration information. The microcontroller also
controls the output DAC through an optically-isolated serial
interface. The D/A converter drives the current loop through a
protective V/I (voltage-to-current) converter. The output
monitor is a V/F converter whose frequency is proportional to
the loop current. This variable signal frequency is fed back to
the microcontroller through an optical isolator. The
microcontroller then scales the frequency signal and returns the
current read-back data to the host computer. A DC/DC
converter generates 25 VDC from the +5 VDC power supply to
power the current loop and output circuitry.
.
.
Figure 2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com