Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6B21 Datasheet(PDF) 4 Page - Analog Devices

Part # 6B21
Description  Isolated, Field Configurable Analog Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

6B21 Datasheet(HTML) 4 Page - Analog Devices

  6B21 Datasheet HTML 1Page - Analog Devices 6B21 Datasheet HTML 2Page - Analog Devices 6B21 Datasheet HTML 3Page - Analog Devices 6B21 Datasheet HTML 4Page - Analog Devices 6B21 Datasheet HTML 5Page - Analog Devices 6B21 Datasheet HTML 6Page - Analog Devices 6B21 Datasheet HTML 7Page - Analog Devices 6B21 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
6B21
Rev. 0 | Page 4 of 8
Output Readback
Initial Accuracy @ +25°C
Output Offset Current
±100 µA
Span
±0.5% Full Scale Range
Accuracy vs Temperature
Output Offset Current
±5 µA/°C
Gain
±200 ppm/°C
Resolution
±0.5% Full Scale Range
Nonlinearity
±0.5% Full Scale Range
Power Supply
Voltage, Operating
+5 V dc ±5%
Voltage, maximum safe limit
+6.5 V dc
Current
+250 mA
Mechanical Dimensions
2.3" x 3.1" x 0.79"
(58.4 mm x 78.7 mm x 19.1 mm)
Environmental
Temperature Range
Rated Performance
-25°C to +85°C
Operating
-25°C to +85°C
Storage
-40°C to +85°C
Relative Humidity
0 to 95% @ +60°C, non-condensing
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com