Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5960 Datasheet (PDF) - Texas Instruments

TLC5960 Datasheet PDF - Texas Instruments
Part # TLC5960
Download  TLC5960 Download
File Size   655.98 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Eight-Channel LED Driver with Intelligent Headroom Voltage Monitor (iHVM™)

TLC5960 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLC5960 Datasheet PDF - Texas Instruments

Part # TLC5960
Download  TLC5960 Click to download

File Size   655.98 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Eight-Channel LED Driver with Intelligent Headroom Voltage Monitor (iHVM™)

TLC5960 Datasheet (HTML) - Texas Instruments


TLC5960 Product details

1FEATURES
23• 250kHz PWM Dimming
• Four Intelligent Headroom Voltage Monitor
(iHVM) Outputs
• Eight-Channel, High-Voltage LED Driver:
– 0.3% (typ) Accuracy Between Channels
• Control Interface with Four PWM Inputs
• Easy-To-Use Analog Dimming Interface
• 10% to 100% Analog Brightness Dimming
• Integrated 5V Internal Regulator
• Integrated Power-On Reset (POR) Circuitry
• Full Protection/Diagnostic Functions:
– LOD: LED Open Detection
– LSD: LED Short Detection
– FOD: FET Open Detection
– FSD: FET Short Detection
• Built-In Phase Shift Function
• 38-Pin TSSOP Package

APPLICATIONS
• LED Backlights for LCD-TV
• High-Current LED Lighting

DESCRIPTION
The TLC5960 is an eight-channel PWM LED driver with four intelligent headroom voltage monitor (iHVM)
outputs. The LED drivers have scalable, high-voltage capability and provide 1% maximum current matching
accuracy between LED strings. To achieve optimal efficiency, the iHVM automatically optimizes the external
dc/dc converter output voltage to compensate for the forward-voltage variations of the LED
Compared to a conventional HVM solution that requires several MOSFETs, capacitors, and resistors, the iHVM
is designed to use only a single external resistor. The LED driver design is capable of up to 250kHz PWM
dimming, and also provides an analog brightness dimming interface. This device easily adapts to various LED
and power configurations with a single voltage input rail. Full protection and diagnostic functions are provided to
protect the entire system, such as LED open/short detection (LOD/LSD), FET open/short detection (FOD/FSD)
and thermal shutdown (TSD). In case of failure, the TLC5960 automatically disconnects the failed channel(s)
from the operating channels and pulls down the open drain fault buffer (XFLT) to signal an error status. iHVM™




Similar Part No. - TLC5960

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5960 TI-TLC5960 Datasheet
682Kb / 33P
Eight-Channel LED Driver with Intelligent Headroom Voltage Monitor (iHVM)
TLC5960DA TI-TLC5960DA Datasheet
682Kb / 33P
Eight-Channel LED Driver with Intelligent Headroom Voltage Monitor (iHVM)
TLC5960DAR TI-TLC5960DAR Datasheet
682Kb / 33P
Eight-Channel LED Driver with Intelligent Headroom Voltage Monitor (iHVM)
More results


Similar Description - TLC5960

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCANSTA476 NSC-SCANSTA476 Datasheet
502Kb / 7P
Eight Input IEEE 1149.1 Analog Voltage Monitor
logo
Intel Corporation
CD1865 INTEL-CD1865 Datasheet
1Mb / 150P
Intelligent Eight-Channel Communications Controller
logo
Analog Devices
AD8240 AD-AD8240 Datasheet
223Kb / 12P
LED Driver/Monitor
4/04-Revision 0
logo
National Semiconductor ...
SCANSTA476_0508 NSC-SCANSTA476_0508 Datasheet
501Kb / 7P
Eight Input IEEE 1149.1 Analog Voltage Monitor
logo
Cypress Semiconductor
CY8CLED04D01 CYPRESS-CY8CLED04D01 Datasheet
1Mb / 52P
PowerPSoC Intelligent LED Driver
logo
Texas Instruments
TLC5960 TI-TLC5960 Datasheet
682Kb / 33P
Eight-Channel LED Driver with Intelligent Headroom Voltage Monitor (iHVM)
logo
National Semiconductor ...
LM3464 NSC-LM3464_10 Datasheet
523Kb / 22P
LED Driver with Dynamic Headroom Control and Thermal Control Interfaces
logo
Texas Instruments
LM3464 TI1-LM3464_14 Datasheet
1Mb / 30P
LED Driver with Dynamic Headroom Control and Thermal Control Interfaces
logo
Analog Devices
AD8240 AD-AD8240_15 Datasheet
224Kb / 12P
LED Driver/Monitor
REV. 0
logo
Texas Instruments
LM3464 TI1-LM3464 Datasheet
1Mb / 33P
LED Driver with Dynamic Headroom Control and Thermal Control Interfaces
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com