Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLWS140 Datasheet (PDF) - Texas Instruments

SLWS140 Datasheet PDF - Texas Instruments
Part # SLWS140
Download  SLWS140 Download
File Size   684.32 Kbytes
Page   56 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SMARTDM™ Low-Power, Low-Voltage, 1.1-V to 3.6-V 1/0, 16-Bit, 26-KSPS Codec

SLWS140 Datasheet (PDF)

Go To PDF Page Download Datasheet
SLWS140 Datasheet PDF - Texas Instruments

Part # SLWS140
Download  SLWS140 Click to download

File Size   684.32 Kbytes
Page   56 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SMARTDM™ Low-Power, Low-Voltage, 1.1-V to 3.6-V 1/0, 16-Bit, 26-KSPS Codec

SLWS140 Datasheet (HTML) - Texas Instruments


SLWS140 Product details

1.1 Description
The TLV320AIC15 implements the smart time division multiplexed serial port (SMARTDM). This is TI’s design
innovation to optimize DSP performance with its most advanced synchronous serial port in TDM format for glue-free
interface to popular DSPs (i.e., C5x, C6x) and microcontrollers. The SMARTDM supports both continuous data
transfer mode and on-the-fly reconfiguration programming mode. SMARTDM maximizes the bandwidth of data
transfer between the TLV320AIC15 DSP codec and the DSP. In normal operation, it automatically detects the number
of codecs in the serial interface and adjusts the number of time slots to match the number of codecs so that no time
slot in the TDM frame is wasted. In the turbo mode, it maintains the same number of time slots but maximizes the
bit transferred rate to 25 MHz to give the DSP more bandwidth to process other tasks in the same sampling period.
The SMARTDM technology allows up to 16 codecs to share a single 4-wire serial bus.
The TLV320AIC15 also provides a flexible host port. The host port interface is a two-wire serial interface that can be
programmed to be either an industrial standard I2C or a simple S2C (start-stop communication protocol).
The TLV320AIC15 also integrates all of the critical functions needed for most voice-band applications including MIC
preamp, handset/headset preamps, antialiasing filter (AAF), input/output programmable gain amplifier (PGA), and
selectable low-pass IIR/FIR filters.
The TLV320AIC15 implements an extensive power management; including device power-down, independent
software control for turning off ADC, DAC, op-amps, and IIR/FIR filter (bypassable) to maximize system power
conservation. The TLV320AIC15 consumes only 10 mW at 3 V.
The TLV320AIC15’s low power operation from 2.7-V to 3.6-V for analog and I/O and 1.65 V to 1.95 V for digital core
power supplies, along with extensive power management, make it ideal for portable applications including wireless
accessories, hands free car kits, VOIP, cable modem, and speech processing. Its low group delay characteristic
makes it suitable for single or multichannel active control applications.
The wide range of low-voltage I/O (1.1 V–3.6 V) enables the AIC15 to interface with a single power supply, or with
dual power supplies for mixed low-voltage DSP systems such as the TMS320UC54x. This feature eliminates the
need for external level-shifting and reduces power consumption.
The TLV320AIC15 is characterized for commercial operation from 0°C to 70°C and industrial operation from –40°C
to 85°C.

1.2 Features
• C54x Software Driver Available
• 16-Bit Oversampling Sigma-Delta A/D Converter
• 16-Bit Oversampling Sigma-Delta D/A Converter
• Support Maximum Master Clock of 100 MHz to Allow DSPs Output Clock to Be Used as Master Clock
• Selectable FIR/IIR Filter With Bypassing Option
• Programmable Sampling Rate up to:
– Max 26 KSPS With On-Chip IIR/FIR Filter
– Max 104 KSPS With IIR/FIR Bypassed
• On-Chip FIR Produced 84-dB SNR for ADC and 91-dB SNR for DAC Over 13-kHz BW
• External DSPs IIR/FIR for a Final Sampling Rate of 8 Ksps (IIR/FIR Bypassed) Produced 87-dB SNR for
ADC and 92-dB SNR for DAC.
• Smart Time Division Multiplexed Serial Port (SMARTDM)
– Glueless 4-Wire Interface to DSP
– Automatic Cascade Detection (ACD) Self-Generates Master/Slave Device Addresses
– Programming Mode to Allow On-the-Fly Reconfiguration
– Continuous Data Transfer Mode to Support DSP’s DMA/Autobuffering Mode
– Turbo Mode to Maximize Bit Clock for Faster Data Transfer and Higher Data Bandwidth
– Total Number of Time Slots Dynamically Proportional to Number of Codecs in the Cascade to Eliminate
Unused Time Slots and Optimize DSP Memory Allocation
– Allows up to 16 Codecs to Be Connected to a Single Serial Port
• Host Port
– 2-Wire Interface
– Selectable I2C or S2C
• Differential and Single-Ended Analog Input/Output
• Built-In Functions:
– Sidetone
– Antialiasing Filter (AAF)
– Programmable Input and Output Gain Control (PGA)
– Microphone Amplifiers
– Power Management With Hardware/Software Power-Down Modes 30 μW
• Separate Software Control for ADC and DAC Power Down
• Fully Compatible With TI C54x DSP Power Supplies
– 1.65-V–1.95-V Digital Core Power
– 1.1-V–3.6-V Digital I/O
– 2.7-V–3.6-V Analog
• Power Dissipation (PD) 10 mW at 3 V in Standard Operation
• Internal Reference Voltage (Vref)
• 2s Complement Data Format
• Test Mode Which Includes Digital Loopback and Analog Loopback




Similar Part No. - SLWS140

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLWS140 TI2-SLWS140 Datasheet
728Kb / 58P
Low Power CMOS, 16-Bit, 26-KSPS Codec With Smart Time Division Multiplexed (SMARTDM™) Serial Port
OCTOBER 2003
More results


Similar Description - SLWS140

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC11 TI-TLV320AIC11 Datasheet
249Kb / 55P
General-Purpose Low-Voltage 1.1V to 3.6V/0 16-bit 22-KSPS DSP CODEC
logo
Burr-Brown (TI)
PCM3501 BURR-BROWN-PCM3501 Datasheet
182Kb / 24P
Low Voltage, Low Power, 16-Bit, Mono VOICE/MODEM CODEC
logo
Texas Instruments
PCM3500 TI-PCM3500 Datasheet
218Kb / 26P
Low Voltage, Low Power, 16-Bit, Mono VOICE/MODEM CODEC
TLV320AIC12 TI-TLV320AIC12_07 Datasheet
1Mb / 63P
LOW-POWER, HIGHLY-INTEGRATED, PROGRAMMABLE 16-Bit, 26-KSPS MONO CODEC
TLV320AIC21 TI-TLV320AIC21 Datasheet
379Kb / 62P
Low Power,Low Voltage 1.1V to 3.6V I/O Highly-Integrated Programmable 16-Bit 26-KSPS Dual Channel Codec
logo
Toshiba Semiconductor
TC74VCX16244FT TOSHIBA-TC74VCX16244FT_07 Datasheet
205Kb / 10P
Low-Voltage 16-Bit Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC74VCX162244FT TOSHIBA-TC74VCX162244FT_07 Datasheet
211Kb / 10P
Low-Voltage 16-Bit Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC74VCXR162245FT TOSHIBA-TC74VCXR162245FT_07 Datasheet
214Kb / 10P
Low-Voltage 16-Bit Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
logo
Texas Instruments
TLV320AIC10IGQER TI-TLV320AIC10IGQER Datasheet
432Kb / 57P
General-Purpose 3 V to 5.5V 16-Bit 22-KSPS DSP CODEC
TLV320AIC20 TI1-TLV320AIC20 Datasheet
1Mb / 56P
Low-Power, Highly-Integrated, Programmable 16-Bit, 26-KSPS, Dual-Channel CODEC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com