Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLWS140 Datasheet(PDF) 9 Page - Texas Instruments

Part # SLWS140
Description  SMARTDM™ Low-Power, Low-Voltage, 1.1-V to 3.6-V 1/0, 16-Bit, 26-KSPS Codec
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLWS140 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SLWS140 Datasheet HTML 5Page - Texas Instruments SLWS140 Datasheet HTML 6Page - Texas Instruments SLWS140 Datasheet HTML 7Page - Texas Instruments SLWS140 Datasheet HTML 8Page - Texas Instruments SLWS140 Datasheet HTML 9Page - Texas Instruments SLWS140 Datasheet HTML 10Page - Texas Instruments SLWS140 Datasheet HTML 11Page - Texas Instruments SLWS140 Datasheet HTML 12Page - Texas Instruments SLWS140 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
1–3
1.3
Functional Block Diagram
MUX
Analog
Loopback
(600
ΩDriver)
MICIN
INP2
INM2
INP1
INM1
OUTP1
OUTM1
BIAS
PGA
– 42 dB to 20 dB
Step Size = 1 dB
Low-Pass
Filter
Sigma-
Delta
DAC
Anti-
Aliasing
Filter
Sigma-
Delta
ADC
Sinc
Filter
FIR Filter
IIR Filter
Decimation Filter
Sinc
Filter
FIR Filter
IIR Filter
Interpolation Filter
Digital Loopback
w/ Sidetone Control
and Mute
M/S
DOUT
DIN
FS
SCLK
FSD
SCL
SDA
Host Port
Div
16xMxNxP
Internal Clock Circuit
MCLK
PGA
– 42 dB to 20 dB
Step Size = 1 dB
SMARTDM
Preamplifier
24, 12, 6, 0 dB
–3 dB to –21 dB
1.35 V/2.35 V @ 5 mA max
Serial
Port
Vref
s2d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com