Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLWS140 Datasheet(PDF) 12 Page - Texas Instruments

Part # SLWS140
Description  SMARTDM™ Low-Power, Low-Voltage, 1.1-V to 3.6-V 1/0, 16-Bit, 26-KSPS Codec
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLWS140 Datasheet(HTML) 12 Page - Texas Instruments

Back Button SLWS140 Datasheet HTML 8Page - Texas Instruments SLWS140 Datasheet HTML 9Page - Texas Instruments SLWS140 Datasheet HTML 10Page - Texas Instruments SLWS140 Datasheet HTML 11Page - Texas Instruments SLWS140 Datasheet HTML 12Page - Texas Instruments SLWS140 Datasheet HTML 13Page - Texas Instruments SLWS140 Datasheet HTML 14Page - Texas Instruments SLWS140 Datasheet HTML 15Page - Texas Instruments SLWS140 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
2–2
2.2
Terminal Functions (Continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
IOVDD
2
I
Digital I/O power supply
IOVSS
1
I
Digital I/O ground
MCLK
25
I
Master clock. MCLK derives the internal clocks of the sigma-delta analog interface circuit.
MICIN
18
I
MIC preamplifier input. It must be connected to AVSS if not used.
M/S
7
I
Master/slave select input. When M/S is high, the device is the master, and when low it is a slave.
OUTM1
9
O
Inverting output of the DAC. OUTM1 is functionally identical with and complementary to OUTP1. This differential
output can drive a minimum load of 600
Ω. This output can also be used alone for single-ended operation.
NC
13, 14,
15
OUTP1
10
O
Noninverting output of the DAC. This differential output can drive a minimum load of 600
Ω. This output can also be
used alone for single-ended operation.
PWRDN
8
I
Power down. When PWRDN is pulled low, the device goes into a power-down mode, the serial interface is disabled,
and most of the high-speed clocks are disabled. However, all the register values are sustained and the device
resumes full-power operation without reinitialization when PWRDN is pulled high again. PWRDN resets the
counters only and preserves the programmed register contents.
RESET
24
I
Hardware reset. The reset function is provided to initialize all of the internal registers to their default values. The
serial port is configured to the default state accordingly.
SCL
26
I
Programmable host port (I2C or S2C) clock input.
SCLK
28
I/O
Shift clock. SCLK signal clocks serial data into DIN and out of DOUT during the frame-sync interval. When
configured as an output (M/S high), SCLK is generated internally by multiplying the frame-sync signal frequency by
16 and the number of codecs in cascade in standard and continuous mode. When configured as an input (M/S low),
SCLK is generated externally and must be synchronous with the master clock and frame sync.
SDA
27
I/O
Programmable host port (I2C or S2C) data line.
2.3
Definitions and Terminology
Data Transfer
Interval
The time during which data is transferred from DOUT and to DIN. The interval is 16 shift clocks and the data
transfer is initiated by the falling edge of the FS signal in standard and continuous mode.
Signal Data
This refers to the input signal and all of the converted representations through the ADC channel and the
signal through the DAC channel to the analog output. This is contrasted with the purely digital software
control data.
Frame Sync
Frame sync refers only to the falling edge of the signal FS that initiates the data transfer interval
Frame Sync and
Sampling Period
Frame sync and sampling period is the time between falling edges of successive FS signals.
fs
The sampling frequency
ADC Channel
ADC channel refers to all signal processing circuits between the analog input and the digital
conversion result at DOUT.
DAC channel
DAC channel refers to all signal processing circuits between the digital data word applied to DIN and the
differential output analog signal available at OUTP1and OUTM.
Dxx
Bit position in the primary data word (xx is the bit number)
DSxx
Bit position in the secondary data word (xx is the bit number)
PGA
Programmable gain amplifier
IIR
Infinite impulse response
FIR
Finite impulse response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com