Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLWS140 Datasheet(PDF) 39 Page - Texas Instruments

Part # SLWS140
Description  SMARTDM™ Low-Power, Low-Voltage, 1.1-V to 3.6-V 1/0, 16-Bit, 26-KSPS Codec
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLWS140 Datasheet(HTML) 39 Page - Texas Instruments

Back Button SLWS140 Datasheet HTML 35Page - Texas Instruments SLWS140 Datasheet HTML 36Page - Texas Instruments SLWS140 Datasheet HTML 37Page - Texas Instruments SLWS140 Datasheet HTML 38Page - Texas Instruments SLWS140 Datasheet HTML 39Page - Texas Instruments SLWS140 Datasheet HTML 40Page - Texas Instruments SLWS140 Datasheet HTML 41Page - Texas Instruments SLWS140 Datasheet HTML 42Page - Texas Instruments SLWS140 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
5–3
5.5
ADC Dynamic Performance, fs = 8 kHz
5.5.1
ADC Signal-to-Noise (see Note 3)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SNR
Signal to noise ratio (SNR)
VI = –1 dB
82
88
dB
SNR
Signal-to-noise ratio (SNR)
VI = –9 dB
79
82
dB
NOTE 3: Test condition is a 1020-Hz input signal with an 8-kHz conversion rate. Input and output common mode is 1.35 V.
5.5.2
ADC Signal-to-Distortion (see Note 3)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THD
Total harmonic distortion
VI = –1 dB
85
90
dB
THD
Total harmonic distortion
VI = –9 dB
82
88
dB
NOTE 3: Test condition is a 1020-Hz input signal with an 8-kHz conversion rate. Input and output common mode is 1.35 V.
5.5.3
ADC Signal-to-Distortion + Noise (see Note 3)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Signal to total harmonic distortion + noise (THD + N)
VI = –1 dB
79
87
dB
Signal-to-total harmonic distortion + noise (THD + N)
VI = –9 dB
73
79
dB
NOTE 3: Test condition is a 1020-Hz input signal with an 8-kHz conversion rate. Input and output common mode is 1.35 V.
5.5.4
ADC Channel Characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI(PP)
Single–ended input level
Preamp gain = 6 dB
2
V
VIO
Input offset voltage
MICIN INPx INMx
±10
mV
IB
Input bias current
MICIN, INPx, INMx
34
µA
Common-mode voltage
1.35
V
Dynamic range
VI = –1 dB
85
dB
Mute attenuation
PGA = MUTE
80
dB
Intrachannel isolation
87
dB
EG
Gain error
VI = –1 dB at 1020 Hz
0.6
dB
EO(ADC)
ADC converter offset error
±10
mV
CMRR
Common-mode rejection ratio at INMx and INPx
VI = –100 mVpp at 1020 Hz
50
dB
Idle channel noise
VINP,INM,MICIN = 0 V
50
100
µVrns
ri
Input resistance
MICIN INPx INMx T
25
°C
30
k
Ω
Ci
Input capacitance
MICIN, INPx, INMx, TA = 25°C
2
pF
Channel delay
IIR
5/fs
s
Channel delay
FIR
17/fs
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com