Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VHCT126A Datasheet (PDF) - STMicroelectronics

74VHCT126A Datasheet PDF - STMicroelectronics
Part # 74VHCT126A
Download  74VHCT126A Download
File Size   60.58 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD BUS BUFFERS 3-STATE

74VHCT126A Datasheet (PDF)

Go To PDF Page Download Datasheet
74VHCT126A Datasheet PDF - STMicroelectronics

Part # 74VHCT126A
Download  74VHCT126A Click to download

File Size   60.58 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD BUS BUFFERS 3-STATE

74VHCT126A Datasheet (HTML) - STMicroelectronics


74VHCT126A Product details

DESCRIPTION
The 74VHCT126A is an advanced high-speed CMOS QUAD BUS BUFFERS fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology.
The device requires the 3-STATE control input G to be set low to place the output in to the high impedance state.
Power down protection is provided on all inputs and outputs and 0 to 7V can be accepted on inputs with no regard to the supply voltage. This device can be used to interface 5V to 3V since all inputs are equipped with TTL threshold.
All inputs and outputs are equipped with protection circuits against static discharge, giving them 2KV ESD immunity and transient excess voltage.

■ HIGH SPEED: tPD = 3.8 ns (TYP.) at VCC = 5V
■ LOW POWER DISSIPATION: ICC = 2 µA (MAX.) at TA=25°C
■ COMPATIBLE WITH TTL OUTPUTS: VIH = 2V (MIN.), VIL = 0.8V (MAX)
■ POWER DOWN PROTECTION ON INPUTS & OUTPUTS
■ SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 8 mA (MIN)
■ BALANCED PROPAGATION DELAYS: tPLH ≅ tPHL
■ OPERATING VOLTAGE RANGE: VCC(OPR) = 4.5V to 5.5V
■ PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 126
■ IMPROVED LATCH-UP IMMUNITY
■ LOW NOISE: VOLP = 0.8V (MAX.)




Similar Part No. - 74VHCT126A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
74VHCT126AFT TOSHIBA-74VHCT126AFT Datasheet
177Kb / 7P
CMOS Digital Integrated Circuits Silicon Monolithic
2017-02-22 Rev.4.0
More results


Similar Description - 74VHCT126A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT125 STMICROELECTRONICS-74ACT125 Datasheet
75Kb / 8P
QUAD BUS BUFFERS 3-STATE
May-1997
74LVQ125 STMICROELECTRONICS-74LVQ125 Datasheet
61Kb / 8P
QUAD BUS BUFFERS 3-STATE
Feb-1999
74VHC125 STMICROELECTRONICS-74VHC125 Datasheet
61Kb / 8P
QUAD BUS BUFFERS 3-STATE
Jun-1999
74VHC126 STMICROELECTRONICS-74VHC126 Datasheet
61Kb / 8P
QUAD BUS BUFFERS (3-STATE)
Jun-1999
74VHCT125A STMICROELECTRONICS-74VHCT125A Datasheet
60Kb / 8P
QUAD BUS BUFFERS 3-STATE
Aug-1999
M54HC125 STMICROELECTRONICS-M54HC125 Datasheet
256Kb / 9P
QUAD BUS BUFFERS 3-STATE
March 2004
M54HCT125 STMICROELECTRONICS-M54HCT125 Datasheet
254Kb / 10P
QUAD BUS BUFFERS 3-STATE
Oct-1993
74ACT125MTR STMICROELECTRONICS-74ACT125MTR Datasheet
178Kb / 9P
QUAD BUS BUFFERS (3-STATE)
Jul-2001
74AC125 STMICROELECTRONICS-74AC125 Datasheet
170Kb / 9P
QUAD BUS BUFFERS (3-STATE)
Jul-2001
74VHC125 STMICROELECTRONICS-74VHC125_04 Datasheet
239Kb / 12P
QUAD BUS BUFFERS (3-STATE)
12-Nov-2004
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com