Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VHC126 Datasheet (PDF) - STMicroelectronics

74VHC126 Datasheet PDF - STMicroelectronics
Part # 74VHC126
Download  74VHC126 Download
File Size   61.52 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD BUS BUFFERS (3-STATE)

74VHC126 Datasheet (PDF)

Go To PDF Page Download Datasheet
74VHC126 Datasheet PDF - STMicroelectronics

Part # 74VHC126
Download  74VHC126 Click to download

File Size   61.52 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD BUS BUFFERS (3-STATE)

74VHC126 Datasheet (HTML) - STMicroelectronics


74VHC126 Product details

DESCRIPTION
The 74VHC126 is an advanced high-speed CMOS QUAD BUS BUFFERs fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology.
The device requires the 3-STATE control input G to be set low to place the output go in to the high impedance state.

■ HIGH SPEED: tPD = 3.8ns (TYP.) at VCC = 5V
■ LOW POWER DISSIPATION: ICC = 4 µA (MAX.) at TA=25°C
■ HIGH NOISE IMMUNITY: VNIH = VNIL = 28% VCC (MIN.)
■ POWER DOWN PROTECTION ON INPUTS
■ SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 8 mA (MIN)
■ BALANCED PROPAGATION DELAYS: tPLH ≅ tPHL
■ OPERATING VOLTAGE RANGE: VCC(OPR) = 2V to 5.5V
■ PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 126
■ IMPROVED LATCH-UP IMMUNITY
■ LOW NOISE: VOLP = 0.8V (MAX.)




Similar Part No. - 74VHC126

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC126 STMICROELECTRONICS-74VHC126 Datasheet
239Kb / 12P
QUAD BUS BUFFERS (3-STATE)
12-Nov-2004
logo
Nexperia B.V. All right...
74VHC126 NEXPERIA-74VHC126 Datasheet
601Kb / 15P
Quad buffer/line driver; 3-state
74VHC126-Q100 NEXPERIA-74VHC126-Q100 Datasheet
710Kb / 16P
Quad buffer/line driver; 3-state
74VHC126BQ NEXPERIA-74VHC126BQ Datasheet
601Kb / 15P
Quad buffer/line driver; 3-state
74VHC126BQ-Q100 NEXPERIA-74VHC126BQ-Q100 Datasheet
710Kb / 16P
Quad buffer/line driver; 3-state
More results


Similar Description - 74VHC126

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT125 STMICROELECTRONICS-74ACT125 Datasheet
75Kb / 8P
QUAD BUS BUFFERS 3-STATE
May-1997
74LVQ125 STMICROELECTRONICS-74LVQ125 Datasheet
61Kb / 8P
QUAD BUS BUFFERS 3-STATE
Feb-1999
74VHC125 STMICROELECTRONICS-74VHC125 Datasheet
61Kb / 8P
QUAD BUS BUFFERS 3-STATE
Jun-1999
74VHCT125A STMICROELECTRONICS-74VHCT125A Datasheet
60Kb / 8P
QUAD BUS BUFFERS 3-STATE
Aug-1999
74VHCT126A STMICROELECTRONICS-74VHCT126A Datasheet
60Kb / 8P
QUAD BUS BUFFERS 3-STATE
Mar-2000
M54HC125 STMICROELECTRONICS-M54HC125 Datasheet
256Kb / 9P
QUAD BUS BUFFERS 3-STATE
March 2004
M54HCT125 STMICROELECTRONICS-M54HCT125 Datasheet
254Kb / 10P
QUAD BUS BUFFERS 3-STATE
Oct-1993
74ACT125MTR STMICROELECTRONICS-74ACT125MTR Datasheet
178Kb / 9P
QUAD BUS BUFFERS (3-STATE)
Jul-2001
74AC125 STMICROELECTRONICS-74AC125 Datasheet
170Kb / 9P
QUAD BUS BUFFERS (3-STATE)
Jul-2001
74VHC125 STMICROELECTRONICS-74VHC125_04 Datasheet
239Kb / 12P
QUAD BUS BUFFERS (3-STATE)
12-Nov-2004
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com