Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VHC126 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 74VHC126
Description  QUAD BUS BUFFERS (3-STATE)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHC126 Datasheet(HTML) 2 Page - STMicroelectronics

  74VHC126 Datasheet HTML 1Page - STMicroelectronics 74VHC126 Datasheet HTML 2Page - STMicroelectronics 74VHC126 Datasheet HTML 3Page - STMicroelectronics 74VHC126 Datasheet HTML 4Page - STMicroelectronics 74VHC126 Datasheet HTML 5Page - STMicroelectronics 74VHC126 Datasheet HTML 6Page - STMicroelectronics 74VHC126 Datasheet HTML 7Page - STMicroelectronics 74VHC126 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TRUTH TABLE
AG
Y
XL
Z
LH
L
HH
H
X:”H” or ”L”
Z: High Impedance
PIN DESCRIPTION
PI N No
SYMBOL
NAME AND FUNCT ION
1, 4, 10, 13
1G to 4G
Output Enable Inputs
2, 5, 9, 12
1A to 4A
Data Inputs
3, 6, 8, 11
1Y to 4Y
Data Outputs
7
GND
Ground (0V)
14
VCC
Positive Supply Voltage
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Val ue
Unit
VCC
Supply Voltage
-0.5 to +7.0
V
VI
DC Input Voltage
-0.5 to +7.0
V
VO
DC Output Voltage
-0.5 to VCC + 0.5
V
IIK
DC Input Diode Current
- 20
mA
IOK
DC Output Diode Current
± 20
mA
IO
DC Output Current
± 25
mA
ICC or IGND DC VCC or Ground Current
± 50
mA
Tstg
Storage Temperature
-65 to +150
oC
TL
Lead Temperature (10 sec)
300
oC
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Valu e
Uni t
VCC
Supply Voltage
2.0 to 5.5
V
VI
Input Voltage
0 to 5.5
V
VO
Output Voltage
0 to VCC
V
Top
Operating Temperature
-40 to +85
oC
dt/dv
Input Rise and Fall Time (see note 1) (VCC =3.3
± 0.3V)
(V CC =5.0
± 0.5V)
0 to 100
0to 20
ns/V
ns/V
1) VIN from 30% to70%of VCC
INPUT EQUIVALENT CIRCUIT
74VHC126
2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com