Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP104 Datasheet (PDF) - Texas Instruments

TMP104 Datasheet PDF - Texas Instruments
Part # TMP104
Download  TMP104 Download
File Size   474.67 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMP104 Low-Power, Digital Temperature Sensor With SMAART Wire™ Interface

TMP104 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMP104 Datasheet PDF - Texas Instruments

Part # TMP104
Download  TMP104 Click to download

File Size   474.67 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMP104 Low-Power, Digital Temperature Sensor With SMAART Wire™ Interface

TMP104 Datasheet (HTML) - Texas Instruments


TMP104 Product details

1 Features
1• Multiple Device Access (MDA):
– Global Read/Write Operations
• SMAART Wire™ Interface
• Resolution: 8 Bits
• Accuracy: ±0.5°C Typical (–10°C to +100°C)
• Low Quiescent Current:
– 3-μA Active IQ at 0.25 Hz
– 1-μA Shutdown
• Supply Range: 1.4 V to 3.6 V
• Digital Output
• Package: 0.8-mm (±5%) × 1-mm (±5%) 4-Ball
WCSP (DSBGA)

2 Applications
• Handsets
• Notebooks

3 Description
The TMP104 device is a digital output temperature
sensor in a four-ball wafer chip-scale package
(WCSP). The TMP104 is capable of reading
temperatures to a resolution of 1°C.
The TMP104 features a SMAART wire™ interface
that supports daisy-chain configurations. In addition,
the interface supports multiple device access (MDA)
commands that allow the master to communicate with
multiple devices on the bus simultaneously,
eliminating the need to send individual commands to
each TMP104 on the bus.
Up to 16 TMP104s can be tied together in parallel
and easily read by the host. The TMP104 is
especially ideal for space-constrained, powersensitive
applications with multiple temperature
measurement zones that must be monitored.
The TMP104 is specified for operation over a
temperature range of –40°C to +125°C.




Similar Part No. - TMP104

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP104 TI1-TMP104 Datasheet
665Kb / 24P
Low-Power, Digital Temperature Sensor with SMAART Wire Interface
TMP104EVM TI1-TMP104EVM Datasheet
2Mb / 25P
TMP104EVM Evaluation Board and Software Tutorial
TMP104YFFR TI1-TMP104YFFR Datasheet
665Kb / 24P
Low-Power, Digital Temperature Sensor with SMAART Wire Interface
TMP104YFFT TI1-TMP104YFFT Datasheet
665Kb / 24P
Low-Power, Digital Temperature Sensor with SMAART Wire Interface
More results


Similar Description - TMP104

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT30TS00 ATMEL-AT30TS00 Datasheet
369Kb / 28P
Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
TMP104 TI1-TMP104 Datasheet
665Kb / 24P
Low-Power, Digital Temperature Sensor with SMAART Wire Interface
TMP175 TI1-TMP175_12 Datasheet
640Kb / 20P
Digital Temperature Sensor with Two-Wire Interface
TMP75AIDGKRG4 TI-TMP75AIDGKRG4 Datasheet
640Kb / 20P
Digital Temperature Sensor with Two-Wire Interface
TMP103 TI-TMP103_15 Datasheet
817Kb / 24P
Low-Power, Digital Temperature Sensor with Two-Wire Interface in WCSP
TMP105 TI-TMP105_15 Datasheet
849Kb / 22P
Digital Temperature Sensor with Two-Wire Interface
TMP144 TI1-TMP144 Datasheet
413Kb / 27P
Low-Power, Digital Temperature Sensor With SMAART Wire / UART Interface
TMP144 TI-TMP144_V01 Datasheet
1Mb / 37P
TMP144 Low-Power, Digital Temperature Sensor With SMAART Wire??/ UART Interface
TMP144 TI-TMP144_V02 Datasheet
2Mb / 37P
TMP144 Low-Power, Digital Temperature Sensor With SMAART Wire??/ UART Interface
TMP144 TI-TMP144_V03 Datasheet
1Mb / 41P
TMP144 Low-Power, Digital Temperature Sensor With SMAART Wire™ / UART Interface
REVISED SEPTEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com