Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP104 Datasheet(PDF) 2 Page - Texas Instruments

Part # TMP104
Description  TMP104 Low-Power, Digital Temperature Sensor With SMAART Wire™ Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP104 Datasheet(HTML) 2 Page - Texas Instruments

  TMP104 Datasheet HTML 1Page - Texas Instruments TMP104 Datasheet HTML 2Page - Texas Instruments TMP104 Datasheet HTML 3Page - Texas Instruments TMP104 Datasheet HTML 4Page - Texas Instruments TMP104 Datasheet HTML 5Page - Texas Instruments TMP104 Datasheet HTML 6Page - Texas Instruments TMP104 Datasheet HTML 7Page - Texas Instruments TMP104 Datasheet HTML 8Page - Texas Instruments TMP104 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
2
TMP104
SBOS564B – NOVEMBER 2011 – REVISED DECEMBER 2018
www.ti.com
Product Folder Links: TMP104
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 3
6.1
Absolute Maximum Ratings ..................................... 3
6.2
ESD Ratings.............................................................. 3
6.3
Thermal Information .................................................. 3
6.4
Electrical Characteristics........................................... 4
6.5
Typical Characteristics .............................................. 5
7
Detailed Description .............................................. 6
7.1
Overview ................................................................... 6
7.2
Feature Description................................................... 6
7.3
Programming............................................................. 7
7.4
Register Maps ......................................................... 10
8
Device and Documentation Support.................. 16
8.1
Receiving Notification of Documentation Updates.. 16
8.2
Community Resources............................................ 16
8.3
Trademarks ............................................................. 16
8.4
Electrostatic Discharge Caution .............................. 16
8.5
Glossary .................................................................. 16
9
Mechanical, Packaging, and Orderable
Information ........................................................... 16
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (November 2011) to Revision B
Page
•
Added Device Information table, ESD Ratings table, Feature Description section, Device Functional Modes, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section. .............................. 1
•
Changed supply voltage maximum value from: 3.6 V to: 4 V ............................................................................................... 3
•
Changed input voltage maximum value from: (V+) + 0.3 to:(V+) + 0.5 and
≤ 4 V ................................................................. 3
•
Moved the content in Package/Ordering Information table to the Mechanical, Packaging, and Orderable Information
section .................................................................................................................................................................................. 16
Changes from Original (November 2011) to Revision A
Page
•
Changed one-wire UART-style interface to SMAART wire interface throughout document .................................................. 1
•
Changed description of protocol in Communication Protocol section .................................................................................... 7
•
Updated Figure 7 .................................................................................................................................................................... 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com