Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP104 Datasheet(PDF) 12 Page - Texas Instruments

Part # TMP104
Description  TMP104 Low-Power, Digital Temperature Sensor With SMAART Wire™ Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP104 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMP104 Datasheet HTML 8Page - Texas Instruments TMP104 Datasheet HTML 9Page - Texas Instruments TMP104 Datasheet HTML 10Page - Texas Instruments TMP104 Datasheet HTML 11Page - Texas Instruments TMP104 Datasheet HTML 12Page - Texas Instruments TMP104 Datasheet HTML 13Page - Texas Instruments TMP104 Datasheet HTML 14Page - Texas Instruments TMP104 Datasheet HTML 15Page - Texas Instruments TMP104 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
12
TMP104
SBOS564B – NOVEMBER 2011 – REVISED DECEMBER 2018
www.ti.com
Product Folder Links: TMP104
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
Negative numbers are represented in binary twos complement format. Following power-up or reset, the
Temperature Register reads 0°C until the first conversion is complete.
(1)
The resolution for the analog-to-digital converter (ADC) is 1°C/count, where count is equal to the digital
output of the ADC.
Table 6. 8-Bit Temperature Data Format(1)
TEMPERATURE (°C)
DIGITAL OUTPUT
BINARY
HEX
128
0111 1111
7F
127
0111 1111
7F
100
0110 0100
64
80
0101 0000
50
75
0100 1011
4B
50
0011 0010
32
25
0001 1001
19
0
0000 0000
00
–1
1111 1111
FF
–25
1110 0111
E7
–55
1100 1001
C9
For positive temperatures (for example, +50°C):
Twos complement is not performed on positive numbers. Therefore, simply convert the number to binary
code, left-justified format. Denote a positive number with most significant bit (MSB) = 0.
Example: (+50°C)/(1°C/count) = 50 = 32h = 0011 0010
For negative temperatures (for example, –25°C):
Generate the twos complement of a negative number by complementing the absolute value binary number
and adding 1. Denote a negative number with MSB = 1.
Example: (|–25°C|)/(1°C/count) = 25 = 19h = 0001 1001
Twos complement format: 1110 0110 + 1 = 1110 0111
7.4.2 Configuration Register
The Configuration Register is an 8-bit read/write register used to store bits that control the operational modes of
the temperature sensor. Read/write operations are performed LSB first. The format and power-up/reset value of
the Configuration Register is shown in Table 7.
Table 7. Configuration and Power-Up/Reset Format
D7
D6
D5
D4
D3
D2
D1
D0
INT_EN
CR1
CR0
FH
FL
LC
M1
M0
0
0
0
0
0
0
1
0
7.4.2.1 Temperature Watchdog Function (FH, FL)
The TMP104 contains a watchdog function that monitors device temperature and compares the result to the
values stored in the temperature limit registers (THIGH and TLOW) in order to determine if the device temperature
is within these set limits. If the temperature of the TMP104 becomes greater than the value in the THIGH register,
then the flag-high bit (FH) in the Configuration Register is set to '1'. If the temperature falls below value in the
TLOW register, then the flag-low bit (FL) is set to '1'. If both flag bits remain '0', then the temperature is within the
temperature window set by the temperature limit registers, as shown in Figure 13.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com