Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP104 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMP104
Description  TMP104 Low-Power, Digital Temperature Sensor With SMAART Wire™ Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP104 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMP104 Datasheet HTML 9Page - Texas Instruments TMP104 Datasheet HTML 10Page - Texas Instruments TMP104 Datasheet HTML 11Page - Texas Instruments TMP104 Datasheet HTML 12Page - Texas Instruments TMP104 Datasheet HTML 13Page - Texas Instruments TMP104 Datasheet HTML 14Page - Texas Instruments TMP104 Datasheet HTML 15Page - Texas Instruments TMP104 Datasheet HTML 16Page - Texas Instruments TMP104 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Measured
Temperature
T
HIGH
T
LOW
FH Bit
(
Transparent Mode)
Read of Configuration Register
Time
FL Bit
(
Transparent Mode)
FH Bit
(Latch Mode)
FL Bit
(Latch Mode)
13
TMP104
www.ti.com
SBOS564B – NOVEMBER 2011 – REVISED DECEMBER 2018
Product Folder Links: TMP104
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
Figure 13. Temperature Flag Functional Diagram
The latch bit (LC) in the Configuration Register is used to latch the value of the flag bits (FH and FL) until the
master issues a read command to the Configuration Register. The flag bits are set to '0' if a read command is
received by the TMP104, or if LC = 0 and the temperature is within the temperature limits. The power-on default
values for these bits are FH = 0, FL = 0, and LC = 0.
7.4.2.2 Conversion Rate (CR1, CR0)
The conversion rate bits (CR1 and CR0), located in the Configuration Register, configure the TMP104 for
conversion rates of 8 Hz, 4 Hz, 1 Hz, or 0.25 Hz (default). The TMP104 has a typical conversion time of 26 ms.
To achieve different conversion rates, the TMP104 performs a single conversion and then powers down and
waits for the appropriate delay set by CR1 and CR0. Table 8 shows the settings for CR1 and CR0.
Table 8. Conversion Rate Settings
CR1
CR0
CONVERSION RATE
0
0
0.25 Hz (default)
0
1
1 Hz
1
0
4 Hz
1
1
8 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com