Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLVH431A Datasheet (PDF) - Texas Instruments

TLVH431A Datasheet PDF - Texas Instruments
Part # TLVH431A
Download  TLVH431A Download
File Size   724.34 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS

TLVH431A Datasheet (PDF)

Go To PDF Page Download Datasheet
TLVH431A Datasheet PDF - Texas Instruments

Part # TLVH431A
Download  TLVH431A Click to download

File Size   724.34 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS

TLVH431A Datasheet (HTML) - Texas Instruments


TLVH431A Product details

1FEATURES
• Qualified for Automotive Applications
• Low-Voltage Operation: Down to 1.24 V
• Reference Voltage Tolerances at 25°C
– 0.5% for B Grade
– 1% for A Grade
• Adjustable Output Voltage, VO = VREF to 18 V
• Wide Operating Cathode Current Range:
100 μA to 70 mA
• 0.25-Ω Typical Output Impedance
• –40°C to 125°C Specifications

DESCRIPTION/ORDERING INFORMATION
The TLVH431 devices are low-voltage 3-terminal adjustable voltage references, with thermal stability specified
over the automotive temperature range. Output voltage can be set to any value between VREF (1.24 V) and 18 V
with two external resistors (see Figure 2). These devices operate from a lower voltage (1.24 V) than the widely
used TL431 and TL1431 shunt-regulator references.
When used with an optocoupler, the TLVH431 devices are ideal voltage reference in isolated feedback circuits
for 3-V to 3.3-V switching-mode power supplies. They have a typical output impedance of 0.25 Ω. Active output
circuitry provides a very sharp turn-on characteristic, making the TLVH431 an excellent replacement for
low-voltage Zener diodes in many applications, including on-board regulation and adjustable power supplies.




Similar Part No. - TLVH431A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLVH431A TI-TLVH431A Datasheet
500Kb / 31P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
TLVH431A TI-TLVH431A Datasheet
673Kb / 38P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLVH431A TI-TLVH431A Datasheet
2Mb / 54P
TLVH431, TLVH432 Low-Voltage Adjustable Precision Shunt Regulators
JUNE 2024
TLVH431A TI-TLVH431A Datasheet
756Kb / 27P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
MARCH 2011
TLVH431A-Q1 TI1-TLVH431A-Q1 Datasheet
658Kb / 25P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Similar Description - TLVH431A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV431 TI-TLV431 Datasheet
232Kb / 34P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Microsemi Corporation
LX432 MICROSEMI-LX432 Datasheet
155Kb / 8P
LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Texas Instruments
TLV431 TI-TLV431_06 Datasheet
787Kb / 31P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Linear Dimensions Semic...
LND431 LINEAR_DIMENSIONS-LND431 Datasheet
128Kb / 6P
Low-voltage Adjustable Precision Shunt Regulators
logo
Texas Instruments
TLV431A-Q1 TI1-TLV431A-Q1 Datasheet
489Kb / 21P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLVH431A-Q1 TI1-TLVH431A-Q1 Datasheet
658Kb / 25P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLVH431AIDBVRG4 TI1-TLVH431AIDBVRG4 Datasheet
1Mb / 53P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
SYNC POWER Crop.
SP432 SYNC-POWER-SP432_13 Datasheet
394Kb / 15P
Low Voltage Adjustable Precision Shunt Regulators
logo
Texas Instruments
TLVH431 TI1-TLVH431_15 Datasheet
1Mb / 50P
Low-Voltage Adjustable Precision Shunt Regulators
TLVH431A-Q1 TI1-TLVH431A-Q1_15 Datasheet
1,003Kb / 25P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com