Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP125 Datasheet (PDF) - Texas Instruments

TMP125 Datasheet PDF - Texas Instruments
Part # TMP125
Download  TMP125 Download
File Size   377.77 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2°C Accurate Digital Temperature Sensor with SPI Interface

TMP125 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMP125 Datasheet PDF - Texas Instruments

Part # TMP125
Download  TMP125 Click to download

File Size   377.77 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2°C Accurate Digital Temperature Sensor with SPI Interface

TMP125 Datasheet (HTML) - Texas Instruments


TMP125 Product details

FEATURES
DIGITAL OUTPUT: SPI-Compatible Interface
RESOLUTION: 10-Bit, 0.25°C
ACCURACY:
±2.0°C (max) from −25°C to +85°C
±2.5°C (max) from −40°C to +125°C
LOW QUIESCENT CURRENT: 50μA (max)
WIDE SUPPLY RANGE: 2.7V to 5.5V
TINY SOT23-6 PACKAGE
OPERATION FROM −40°C to +125°C

APPLICATIONS
BASE STATION EQUIPMENT
COMPUTER PERIPHERAL THERMAL
PROTECTION
NOTEBOOK COMPUTERS
DATA ACQUISITION SYSTEMS
TELECOM EQUIPMENT
OFFICE MACHINES

DESCRIPTION
The TMP125 is an SPI-compatible temperature sensor
available in the tiny SOT23-6 package. Requiring no
external components, the TMP125 is capable of
measuring temperatures within 2°C of accuracy over a
temperature range of −25°C to +85°C and 2.5°C of
accuracy over −40°C to +125°C. Low supply current, and
a supply range from 2.7V to 5.5V, make the TMP125 an
excellent candidate for low-power applications.
The TMP125 is ideal for extended thermal measurement
in a variety of communication, computer, consumer,
environmental, industrial, and instrumentation
applications.




Similar Part No. - TMP125

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP125 TI-TMP125 Datasheet
130Kb / 10P
2C Accurate Digital Temperature Sensor with SPI Interface
TMP125 TI1-TMP125 Datasheet
185Kb / 12P
2째C Accurate Digital Temperature Sensor with SPI Interface
TMP125 TI1-TMP125 Datasheet
183Kb / 12P
Accurate Digital Temperature Sensor with SPI田?Interface
TMP125 TI2-TMP125 Datasheet
383Kb / 14P
2°C Accurate Digital Temperature Sensor with SPI Interface
REVISED JUNE 2005
TMP125AIDBVR TI-TMP125AIDBVR Datasheet
130Kb / 10P
2C Accurate Digital Temperature Sensor with SPI Interface
More results


Similar Description - TMP125

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP121 BURR-BROWN-TMP121 Datasheet
128Kb / 9P
1.5C Accurate Digital Temperature Sensor with SPI Interface
logo
Texas Instruments
TMP125AIDBVRG4 TI-TMP125AIDBVRG4 Datasheet
130Kb / 10P
2C Accurate Digital Temperature Sensor with SPI Interface
logo
Microchip Technology
TC72 MICROCHIP-TC72 Datasheet
417Kb / 24P
Digital Temperature Sensor with SPI??Interface
2002
logo
Maxim Integrated Produc...
MAX6627 MAXIM-MAX6627_06 Datasheet
421Kb / 11P
Remote ±1°C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface
Rev 3; 4/06
MAX6627 MAXIM-MAX6627_08 Datasheet
117Kb / 9P
Remote ±1°C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface
Rev 4; 8/08
logo
Texas Instruments
TMP121-EP TI1-TMP121-EP Datasheet
566Kb / 13P
1.5째C ACCURATE DIGITAL TEMPERATURE SENSOR WITH SPI??INTERFACE
TMP121AIDBVTG4 TI-TMP121AIDBVTG4 Datasheet
734Kb / 18P
1.5 C Accurate Digital Temperature Sensor with SPI田?Interface
TMP125 TI1-TMP125_15 Datasheet
185Kb / 12P
2째C Accurate Digital Temperature Sensor with SPI Interface
logo
Microchip Technology
TC72 MICROCHIP-TC72_11 Datasheet
605Kb / 28P
Digital Temperature Sensor with SPI Interface
05/02/11
logo
Texas Instruments
TMP125 TI1-TMP125 Datasheet
183Kb / 12P
Accurate Digital Temperature Sensor with SPI田?Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com