Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VHCT139A Datasheet (PDF) - STMicroelectronics

74VHCT139A Datasheet PDF - STMicroelectronics
Part # 74VHCT139A
Download  74VHCT139A Download
File Size   62.76 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DUAL 2 TO 4 DECODER/DEMULTIPLEXER

74VHCT139A Datasheet (PDF)

Go To PDF Page Download Datasheet
74VHCT139A Datasheet PDF - STMicroelectronics

Part # 74VHCT139A
Download  74VHCT139A Click to download

File Size   62.76 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DUAL 2 TO 4 DECODER/DEMULTIPLEXER

74VHCT139A Datasheet (HTML) - STMicroelectronics


74VHCT139A Product details

DESCRIPTION
The 74VHCT139A is an advanced high-speed CMOS DUAL 2 TO 4 LINE DECODER/DEMULTIPLEXER fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology.
The active low enable input can be used for gating or as a data input for demultiplexing applications. When the enable input is held high, all four outputs are high independently of the other inputs.

■ HIGH SPEED: tPD = 5 ns (TYP.) at VCC = 5V
■ LOW POWER DISSIPATION: ICC = 2 µA (MAX.) at TA=25°C
■ COMPATIBLE WITH TTL OUTPUTS: VIH = 2V (MIN.), VIL = 0.8V (MAX)
■ POWER DOWN PROTECTION ON INPUTS & OUTPUTS
■ SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 8 mA (MIN)
■ BALANCED PROPAGATION DELAYS: tPLH ≅ tPHL
■ OPERATING VOLTAGE RANGE: VCC(OPR) = 4.5V to 5.5V
■ PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 139
■ IMPROVED LATCH-UP IMMUNITY




Similar Part No. - 74VHCT139A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHCT139A STMICROELECTRONICS-74VHCT139A Datasheet
277Kb / 12P
DUAL 2 TO 4 DECODER/DEMULTIPLEXER
16-Dec-2004
74VHCT139AMTR STMICROELECTRONICS-74VHCT139AMTR Datasheet
277Kb / 12P
DUAL 2 TO 4 DECODER/DEMULTIPLEXER
16-Dec-2004
74VHCT139ATTR STMICROELECTRONICS-74VHCT139ATTR Datasheet
277Kb / 12P
DUAL 2 TO 4 DECODER/DEMULTIPLEXER
16-Dec-2004
74VHCT139A STMICROELECTRONICS-74VHCT139A_04 Datasheet
277Kb / 12P
DUAL 2 TO 4 DECODER/DEMULTIPLEXER
16-Dec-2004
More results


Similar Description - 74VHCT139A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74VHC139 MOTOROLA-MC74VHC139 Datasheet
153Kb / 6P
Dual 2-to-4 Decoder/Demultiplexer
logo
STMicroelectronics
74VHC139 STMICROELECTRONICS-74VHC139 Datasheet
63Kb / 8P
DUAL 2 TO 4 DECODER/DEMULTIPLEXER
Jun-1999
logo
Fairchild Semiconductor
74VHC139 FAIRCHILD-74VHC139 Datasheet
73Kb / 6P
Dual 2-to-4 Decoder/Demultiplexer
logo
ON Semiconductor
MC74LVX139 ONSEMI-MC74LVX139 Datasheet
162Kb / 12P
Dual 2-to-4 Decoder/ Demultiplexer
April, 2001 ??Rev. 1
MC74LVX139 ONSEMI-MC74LVX139_05 Datasheet
93Kb / 8P
Dual 2-to-4 Decoder/Demultiplexer
March, 2005 ??Rev. 2
logo
STMicroelectronics
74VHC139 STMICROELECTRONICS-74VHC139_04 Datasheet
293Kb / 12P
DUAL 2 TO 4 DECODER/DEMULTIPLEXER
12-Nov-2004
74VHCT139A STMICROELECTRONICS-74VHCT139A_04 Datasheet
277Kb / 12P
DUAL 2 TO 4 DECODER/DEMULTIPLEXER
16-Dec-2004
logo
ON Semiconductor
MC74VHCT139A ONSEMI-MC74VHCT139A_14 Datasheet
99Kb / 7P
Dual 2-to-4 Decoder/ Demultiplexer
October, 2014 ??Rev. 6
MC74VHC139 ONSEMI-MC74VHC139_11 Datasheet
135Kb / 8P
Dual 2-to-4 Decoder/ Demultiplexer
May, 2011 ??Rev. 4
74VHC139 ONSEMI-74VHC139 Datasheet
177Kb / 8P
Dual 2-to-4 Decoder/Demultiplexer
Revised April 1999
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com