Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VHC139 Datasheet (PDF) - STMicroelectronics

74VHC139 Datasheet PDF - STMicroelectronics
Part # 74VHC139
Download  74VHC139 Download
File Size   63.24 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DUAL 2 TO 4 DECODER/DEMULTIPLEXER

74VHC139 Datasheet (PDF)

Go To PDF Page Download Datasheet
74VHC139 Datasheet PDF - STMicroelectronics

Part # 74VHC139
Download  74VHC139 Click to download

File Size   63.24 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DUAL 2 TO 4 DECODER/DEMULTIPLEXER

74VHC139 Datasheet (HTML) - STMicroelectronics


74VHC139 Product details

DESCRIPTION
The 74VHC139 is an advanced high-speed CMOS DUAL 2 TO 4 LINE DECODER/ DEMULTIPLEXER fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology.
   
■ HIGH SPEED: tPD = 5.0 ns (TYP.) at VCC = 5V
■ LOW POWER DISSIPATION:
    ICC = 4 µA (MAX.) at TA=25°C
■ HIGH NOISE IMMUNITY:
    VNIH = VNIL = 28% VCC (MIN.)
■ POWER DOWN PROTECTION ON INPUTS
■ SYMMETRICAL OUTPUT IMPEDANCE:
    |IOH| = IOL = 8 mA (MIN)
■ BALANCED PROPAGATION DELAYS: tPLH ≅ tPHL
■ OPERATING VOLTAGE RANGE:
    VCC(OPR) = 2V to 5.5V
■ PIN AND FUNCTION COMPATIBLE WITH
    74 SERIES 139
■ IMPROVED LATCH-UP IMMUNITY
   




Similar Part No. - 74VHC139

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC139 FAIRCHILD-74VHC139 Datasheet
73Kb / 6P
Dual 2-to-4 Decoder/Demultiplexer
logo
STMicroelectronics
74VHC139 STMICROELECTRONICS-74VHC139 Datasheet
293Kb / 12P
DUAL 2 TO 4 DECODER/DEMULTIPLEXER
12-Nov-2004
logo
Fairchild Semiconductor
74VHC139 FAIRCHILD-74VHC139 Datasheet
77Kb / 6P
Dual 2-to-4 Decoder/Demultiplexer
logo
ON Semiconductor
74VHC139 ONSEMI-74VHC139 Datasheet
177Kb / 8P
Dual 2-to-4 Decoder/Demultiplexer
Revised April 1999
logo
Toshiba Semiconductor
74VHC139FT TOSHIBA-74VHC139FT Datasheet
176Kb / 9P
CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-18 Rev.3.0
More results


Similar Description - 74VHC139

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74VHC139 MOTOROLA-MC74VHC139 Datasheet
153Kb / 6P
Dual 2-to-4 Decoder/Demultiplexer
logo
STMicroelectronics
74VHCT139A STMICROELECTRONICS-74VHCT139A Datasheet
62Kb / 8P
DUAL 2 TO 4 DECODER/DEMULTIPLEXER
Mar-2000
logo
Fairchild Semiconductor
74VHC139 FAIRCHILD-74VHC139 Datasheet
73Kb / 6P
Dual 2-to-4 Decoder/Demultiplexer
logo
ON Semiconductor
MC74LVX139 ONSEMI-MC74LVX139 Datasheet
162Kb / 12P
Dual 2-to-4 Decoder/ Demultiplexer
April, 2001 ??Rev. 1
MC74LVX139 ONSEMI-MC74LVX139_05 Datasheet
93Kb / 8P
Dual 2-to-4 Decoder/Demultiplexer
March, 2005 ??Rev. 2
logo
STMicroelectronics
74VHC139 STMICROELECTRONICS-74VHC139_04 Datasheet
293Kb / 12P
DUAL 2 TO 4 DECODER/DEMULTIPLEXER
12-Nov-2004
74VHCT139A STMICROELECTRONICS-74VHCT139A_04 Datasheet
277Kb / 12P
DUAL 2 TO 4 DECODER/DEMULTIPLEXER
16-Dec-2004
logo
ON Semiconductor
MC74VHCT139A ONSEMI-MC74VHCT139A_14 Datasheet
99Kb / 7P
Dual 2-to-4 Decoder/ Demultiplexer
October, 2014 ??Rev. 6
MC74VHC139 ONSEMI-MC74VHC139_11 Datasheet
135Kb / 8P
Dual 2-to-4 Decoder/ Demultiplexer
May, 2011 ??Rev. 4
74VHC139 ONSEMI-74VHC139 Datasheet
177Kb / 8P
Dual 2-to-4 Decoder/Demultiplexer
Revised April 1999
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com