Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VHC139 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 74VHC139
Description  DUAL 2 TO 4 DECODER/DEMULTIPLEXER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHC139 Datasheet(HTML) 2 Page - STMicroelectronics

  74VHC139 Datasheet HTML 1Page - STMicroelectronics 74VHC139 Datasheet HTML 2Page - STMicroelectronics 74VHC139 Datasheet HTML 3Page - STMicroelectronics 74VHC139 Datasheet HTML 4Page - STMicroelectronics 74VHC139 Datasheet HTML 5Page - STMicroelectronics 74VHC139 Datasheet HTML 6Page - STMicroelectronics 74VHC139 Datasheet HTML 7Page - STMicroelectronics 74VHC139 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
INPUT EQUIVALENT CIRCUIT
LOGIC DIAGRAM
PIN DESCRIPTION
PIN No
SYMBOL
NAME AND FUNCT ION
1, 15
1G, 2G
Enable Inputs
2, 3
1A, 1B
Address Inputs
4, 5, 6, 7
1Y0 to 1Y3 Outputs
12, 11, 10,
9
2Y0 to 2Y3 Outputs
14, 13
2A, 2B
Address Inputs
8
GND
Ground (0V)
16
VCC
Positive Supply Voltage
TRUTH TABLE
INPUT S
OUTPUTS
ENABLE
SELECT
G
B
A
Y0Y1Y2
Y3
HX
X
H
H
H
H
L
LLL
H
H
H
LL
H
H
L
H
H
LH
L
H
HL
H
L
HHHH
H
L
X:Don’t Care
Thislogic diagram has notbe used to estimate propagation delays
74VHC139
2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com