Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4325 Datasheet (PDF) - Adafruit Industries

4325 Datasheet PDF - Adafruit Industries
Part # 4325
Download  4325 Download
File Size   279.96 Kbytes
Page   3 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description KittenBot IO:bit for micro:bit - Version 2.0

4325 Datasheet (PDF)

Go To PDF Page Download Datasheet
4325 Datasheet PDF - Adafruit Industries

Part # 4325
Download  4325 Click to download

File Size   279.96 Kbytes
Page   3 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description KittenBot IO:bit for micro:bit - Version 2.0

4325 Datasheet (HTML) - Adafruit Industries


4325 Product details

Features:
 All pins are brought out to 0.1" headers that are color coded black for
ground, red for power, and yellow for signal. You can breadboard easily
by matching up with these premium header jumpers
 On-board buzzer: you can use the music module in MakeCode to play
music, and now you'll get audible beeps! If you want to use headphones, a
3.5mm audio connector on the board is available as well.
 Two LEGO-compatible pin holes for easy assembly and integration.
 5 x alligator clip gold pads, the same as the ones on the micro:bit
 USB connector with on/off push button switch so you can turn projects on
and off - the micro:bit doesn't have a switch which means unplugging
instead, this is easier!
 Includes 1A self-recovery fuse to help keep your projects protected




Similar Part No. - 4325

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
4325 VCC-4325 Datasheet
79Kb / 1P
Panel Mount Lenses for T-1 3/4 (5mm) LEDs
logo
ITT Industries
432501000 ITT-432501000 Datasheet
1Mb / 23P
AUXILIARY ACTUATORS
logo
C&K Components
432502263 CK-COMPONENTS-432502263 Datasheet
429Kb / 6P
Tiny Pushbutton Switches
logo
ITT Industries
432502263 ITT-432502263 Datasheet
1Mb / 23P
AUXILIARY ACTUATORS
432503000 ITT-432503000 Datasheet
1Mb / 23P
AUXILIARY ACTUATORS
More results


Similar Description - 4325

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-14208 SPARKFUN-DEV-14208 Datasheet
150Kb / 2P
micro:bit
4??6??7
KIT-15596 SPARKFUN-KIT-15596 Datasheet
98Kb / 2P
SparkFun gator:science Kit for micro:bit
10????9
KIT-16274 SPARKFUN-KIT-16274 Datasheet
197Kb / 2P
SparkFun micro:climate kit for micro:bit - v3.0
2??0??0
LAB-15229 SPARKFUN-LAB-15229 Datasheet
148Kb / 3P
SparkFun Inventor is Kit for micro:bit Lab Pack
5??4??
LAB-15230 SPARKFUN-LAB-15230 Datasheet
115Kb / 2P
micro:bit Educator Lab Pack
4??7??9
PRT-14299 SPARKFUN-PRT-14299 Datasheet
78Kb / 1P
micro:bit Battery Holder - 2xAA (JST-PH)
6??0??7
SEN-15269 SPARKFUN-SEN-15269 Datasheet
152Kb / 2P
SparkFun gator:environment - micro:bit Accessory Board
6??4??9
SEN-15271 SPARKFUN-SEN-15271 Datasheet
179Kb / 2P
SparkFun gator:particle - micro:bit Accessory Board
6??4??9
SEN-15272 SPARKFUN-SEN-15272 Datasheet
111Kb / 2P
SparkFun gator:soil - micro:bit Accessory Board
6??4??9
SEN-15273 SPARKFUN-SEN-15273 Datasheet
131Kb / 2P
SparkFun gator:UV - micro:bit Accessory Board
9??2??9
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com