Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VHCT14AM Datasheet (PDF) - STMicroelectronics

74VHCT14AM Datasheet PDF - STMicroelectronics
Part # 74VHCT14AM
Download  74VHCT14AM Download
File Size   53.13 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HEX SCHMITT INVERTER

74VHCT14AM Datasheet (PDF)

Go To PDF Page Download Datasheet
74VHCT14AM Datasheet PDF - STMicroelectronics

Part # 74VHCT14AM
Download  74VHCT14AM Click to download

File Size   53.13 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HEX SCHMITT INVERTER

74VHCT14AM Datasheet (HTML) - STMicroelectronics


74VHCT14AM Product details

Description
The 74VHCT14A is an advanced high-speed CMOS HEX SCHMITT inverter fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology.
The internal circuit is composed of 3 stages including buffer output, which provides high noise immunity and stable output.
Power down protection is provided on all inputs and outputs and 0 to 7V can be accepted on inputs with no regard to the supply voltage. This device can be used to interface 5V to 3V since all inputs are equipped with TTL threshold.

Features
■ High speed: tPD = 5.5ns (typ.) at VCC = 5V
■ Low power dissipation: ICC = 2 µA (Max.) at TA = 25°C
■ Typical hysteresis: Vh = 0.7V at VCC = 4.5V
■ Power down protection on inputs & outputs
■ Symmetrical output impedance: |IOH| = IOL = 8 mA (Min)
■ Balanced propagation delays: tPLH ≅ tPHL
■ Operating voltage range: VCC(Opr) = 4.5V to 5.5V
■ Pin and function compatible with 74 series 14
■ Improved latch-up immunity
■ Low noise: VOLP = 0.8V (Max.)




Similar Part No. - 74VHCT14AM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHCT14AM FAIRCHILD-74VHCT14AM Datasheet
102Kb / 7P
Hex Schmitt Inverter
logo
ON Semiconductor
74VHCT14AM ONSEMI-74VHCT14AM Datasheet
223Kb / 8P
Hex Schmitt Inverter
December 2007 Rev. 1.5.0
logo
Fairchild Semiconductor
74VHCT14AMTC FAIRCHILD-74VHCT14AMTC Datasheet
102Kb / 7P
Hex Schmitt Inverter
logo
ON Semiconductor
74VHCT14AMTC ONSEMI-74VHCT14AMTC Datasheet
223Kb / 8P
Hex Schmitt Inverter
December 2007 Rev. 1.5.0
logo
Fairchild Semiconductor
74VHCT14AMTC-NL FAIRCHILD-74VHCT14AMTC-NL Datasheet
102Kb / 7P
Hex Schmitt Inverter
More results


Similar Description - 74VHCT14AM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
Toshiba Semiconductor
TC74LVX14F TOSHIBA-TC74LVX14F Datasheet
242Kb / 7P
HEX SCHMITT INVERTER
05-Aug-1997
TC74VHCT14AF TOSHIBA-TC74VHCT14AF Datasheet
211Kb / 5P
HEX SCHMITT INVERTER
25-Nov-1998
logo
STMicroelectronics
74AC14 STMICROELECTRONICS-74AC14 Datasheet
174Kb / 7P
HEX SCHMITT INVERTER
Mar-1998
logo
ON Semiconductor
MC74VHC14 ONSEMI-MC74VHC14 Datasheet
83Kb / 7P
Hex Schmitt Inverter
February, 2006 ??Rev. 9
logo
Toshiba Semiconductor
TC74VHC14F TOSHIBA-TC74VHC14F_07 Datasheet
255Kb / 9P
Hex Schmitt Inverter
logo
STMicroelectronics
74ACT14 STMICROELECTRONICS-74ACT14_01 Datasheet
178Kb / 8P
HEX SCHMITT INVERTER
Apr-2001
M74HC14 STMICROELECTRONICS-M74HC14_08 Datasheet
320Kb / 14P
Hex Schmitt inverter
23-May-2008
logo
ON Semiconductor
MC74VHC14 ONSEMI-MC74VHC14_11 Datasheet
124Kb / 7P
Hex Schmitt Inverter
May, 2011 ??Rev. 10
74VHCT14A ONSEMI-74VHCT14A Datasheet
223Kb / 8P
Hex Schmitt Inverter
December 2007 Rev. 1.5.0
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com