Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VHCT14AM Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74VHCT14AM
Description  HEX SCHMITT INVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHCT14AM Datasheet(HTML) 1 Page - STMicroelectronics

  74VHCT14AM Datasheet HTML 1Page - STMicroelectronics 74VHCT14AM Datasheet HTML 2Page - STMicroelectronics 74VHCT14AM Datasheet HTML 3Page - STMicroelectronics 74VHCT14AM Datasheet HTML 4Page - STMicroelectronics 74VHCT14AM Datasheet HTML 5Page - STMicroelectronics 74VHCT14AM Datasheet HTML 6Page - STMicroelectronics 74VHCT14AM Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
74VHCT14A
HEX SCHMITT INVERTER
PRELIMINARY DATA
®
August 1999
s
HIGH SPEED: tPD = 4 ns (TYP.) at VCC =5V
s
LOW POWER DISSIPATION:
ICC =2
µA (MAX.) at TA =25 oC
s
TYPICAL HYSTERESIS: 0.7V at VCC = 4.5V
s
POWER DOWN PROTECTION ON INPUTS &
OUTPUTS
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|=IOL = 8 mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH
≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC (OPR) = 4.5V to 5.5V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 14
s
IMPROVED LATCH-UP IMMUNITY
s
LOW NOISE: VOLP = 0.8V (Max.)
DESCRIPTION
The 74VHCT14A is an advanced high-speed
CMOS HEX SCHMITT INVERTER fabricated
with sub-micron silicon gate and double-layer
metal wiring C
2MOS technology.
The internal circuit is composed of 3 stages
including buffer output, which enable high noise
immunity and stable output.
Power down protection is provided on all inputs
and outputs and 0 to 7V can be accepted on
inputs with no regard to the supply voltage. This
device can be used to interface 5V to 3V.
Pin configuration and function are the same as
those of
the VHC04 but the VHC14 has
hysteresis.
This together with its schmitt trigger function
allows it to be used on line receivers with slow
rise/fall input signals.
All inputs
and
outputs are
equipped with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES :
74VHCT14AM
74VHCT14AT
M
(Micro Package)
T
(TSSOP Package)
1/7


Similar Part No. - 74VHCT14AM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHCT14AM FAIRCHILD-74VHCT14AM Datasheet
102Kb / 7P
Hex Schmitt Inverter
logo
ON Semiconductor
74VHCT14AM ONSEMI-74VHCT14AM Datasheet
223Kb / 8P
Hex Schmitt Inverter
December 2007 Rev. 1.5.0
logo
Fairchild Semiconductor
74VHCT14AMTC FAIRCHILD-74VHCT14AMTC Datasheet
102Kb / 7P
Hex Schmitt Inverter
logo
ON Semiconductor
74VHCT14AMTC ONSEMI-74VHCT14AMTC Datasheet
223Kb / 8P
Hex Schmitt Inverter
December 2007 Rev. 1.5.0
logo
Fairchild Semiconductor
74VHCT14AMTC-NL FAIRCHILD-74VHCT14AMTC-NL Datasheet
102Kb / 7P
Hex Schmitt Inverter
More results

Similar Description - 74VHCT14AM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
Toshiba Semiconductor
TC74LVX14F TOSHIBA-TC74LVX14F Datasheet
242Kb / 7P
HEX SCHMITT INVERTER
05-Aug-1997
TC74VHCT14AF TOSHIBA-TC74VHCT14AF Datasheet
211Kb / 5P
HEX SCHMITT INVERTER
25-Nov-1998
logo
STMicroelectronics
74AC14 STMICROELECTRONICS-74AC14 Datasheet
174Kb / 7P
HEX SCHMITT INVERTER
Mar-1998
logo
ON Semiconductor
MC74VHC14 ONSEMI-MC74VHC14 Datasheet
83Kb / 7P
Hex Schmitt Inverter
February, 2006 ??Rev. 9
logo
Toshiba Semiconductor
TC74VHC14F TOSHIBA-TC74VHC14F_07 Datasheet
255Kb / 9P
Hex Schmitt Inverter
logo
STMicroelectronics
74ACT14 STMICROELECTRONICS-74ACT14_01 Datasheet
178Kb / 8P
HEX SCHMITT INVERTER
Apr-2001
M74HC14 STMICROELECTRONICS-M74HC14_08 Datasheet
320Kb / 14P
Hex Schmitt inverter
23-May-2008
logo
ON Semiconductor
MC74VHC14 ONSEMI-MC74VHC14_11 Datasheet
124Kb / 7P
Hex Schmitt Inverter
May, 2011 ??Rev. 10
74VHCT14A ONSEMI-74VHCT14A Datasheet
223Kb / 8P
Hex Schmitt Inverter
December 2007 Rev. 1.5.0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com