Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBG6SP Datasheet (PDF) - OSRAM GmbH

LBG6SP Datasheet PDF - OSRAM GmbH
Part # LBG6SP
Download  LBG6SP Download
File Size   253.64 Kbytes
Page   17 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Advanced Power TOPLED Enhanced optical Power LED

LBG6SP Datasheet (PDF)

Go To PDF Page Download Datasheet
LBG6SP Datasheet PDF - OSRAM GmbH

Part # LBG6SP
Download  LBG6SP Click to download

File Size   253.64 Kbytes
Page   17 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Advanced Power TOPLED Enhanced optical Power LED

LBG6SP Datasheet (HTML) - OSRAM GmbH


LBG6SP Product details

Features
• package: white P-LCC-6 package, colorless clear resin
• feature of the device: more light due to higher optical efficiency; higher current at the same ambient temperature possible compared to PowerTOPLED®
• wavelength: 470 nm (blue), 528 nm (true green)
• viewing angle: Lambertian Emitter (120°)
• technology: ThinGaN®
• optical efficiency: 10 lm/W (blue), 37 lm/W (true green)
• grouping parameter: luminous intensity, wavelength, forward voltage grouping
• assembly methods: suitable for all SMT assembly methods
• soldering methods: IR reflow soldering and TTW soldering
• preconditioning: acc. to JEDEC Level 2
• taping: 12 mm tape with 1000/reel, ø180 mm
• ESD-withstand voltage: up to 2 kV acc. to JESD22-A114-D

Applications
• backlighting (LCD, displays, illuminated advertising)
• substitution of micro incandescent lamps
• marker lights (e.g. steps, exit ways, etc.)
• signal and symbol luminaire
• scanners




Similar Part No. - LBG6SP

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
LBGA11W SUNLED-LBGA11W Datasheet
188Kb / 4P
T-1 (3mm) SOLID STATE LAMP
LBGA12W SUNLED-LBGA12W Datasheet
189Kb / 4P
T-1 3/4 (5mm) SOLID STATE LAMP
LBGA20W SUNLED-LBGA20W Datasheet
186Kb / 4P
OVAL SOLID STATE LAMP
logo
NXP Semiconductors
LBGA256 NXP-LBGA256 Datasheet
2Mb / 153P
32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
Rev. 4-26 March 2013
LBGA256 NXP-LBGA256 Datasheet
2Mb / 149P
32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD, and external memory controller
Rev. 6.1-7 February 2013
More results


Similar Description - LBG6SP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LBE63C OSRAM-LBE63C Datasheet
69Kb / 16P
Power TOPLED with Lens Enhanced Optical Power LED (ATON)
LSE67B OSRAM-LSE67B Datasheet
175Kb / 14P
Power TOPLED Enhanced optical Power LED (HOP2000)
LWP4SG OSRAM-LWP4SG Datasheet
642Kb / 18P
Enhanced optical Power LED
LWG6SP OSRAM-LWG6SP Datasheet
257Kb / 17P
Advanced Power TOPLED Enhanced optical Power LED
LCWG6SP OSRAM-LCWG6SP Datasheet
261Kb / 18P
Advanced Power TOPLED Enhanced optical Power LED
LRTBGFUG OSRAM-LRTBGFUG Datasheet
626Kb / 28P
Enhanced optical Power LED
LTRBGFSF OSRAM-LTRBGFSF Datasheet
1Mb / 32P
Enhanced optical Power LED
LAYT67B OSRAM-LAYT67B Datasheet
353Kb / 15P
Enhanced optical Power LED
LAG6SP OSRAM-LAG6SP_18 Datasheet
1Mb / 22P
Advanced Power TOPLED
LYG5AP OSRAM-LYG5AP Datasheet
910Kb / 21P
Advanced Power TOPLED
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com