Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD1S414 Datasheet (PDF) - Texas Instruments

TPD1S414 Datasheet PDF - Texas Instruments
Part # TPD1S414
Download  TPD1S414 Download
File Size   772.21 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPD1S414 USB Charger Overvoltage, Surge, and ESD Protection for VBUS Pin

TPD1S414 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPD1S414 Datasheet PDF - Texas Instruments

Part # TPD1S414
Download  TPD1S414 Click to download

File Size   772.21 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPD1S414 USB Charger Overvoltage, Surge, and ESD Protection for VBUS Pin

TPD1S414 Datasheet (HTML) - Texas Instruments


TPD1S414 Product details

1 Features
1• Overvoltage Protection at VBUS_CON Up to 30-V
DC
• Low RON nFET Switch Supports Host and
Charging Mode
• Internal 15-ms Start-Up Delay
• Internal 30-ms Soft-Start Delay to Minimize the
USB Inrush Current
• Transient Protection for VBUS Line:
– IEC 61000-4-2 Contact Discharge ±15 kV
– IEC 61000-4-2 Air Gap Discharge ±15 kV
– IEC 61000-4-5 Open-Circuit Voltage 100 V
• Integrated Input Enable and Status Output Signal
• Thermal Shutdown (TSD) Feature
• Space-Saving DSBGA Package: (1.4 mm × 1.89
mm)

2 Applications
• End Equipment
– Mobile Phones
– Tablets
– Wearables
– Electronic-Point-of-Sale (EPOS)
• Interfaces
– USB 2.0
– USB 3.0
– USB Type C

3 Description
The TPD1S414 device is a single-chip solution for a
USB connector’s VBUS line protection. The
bidirectional nFET switch ensures safe current flow in
both charging and host mode while protecting the
internal system circuits from any overvoltage
conditions at the VBUS_CON pin. On the VBUS_CON pin,
this device can handle overvoltage protection up to
30 V. After the EN pin toggles low, the TPD1S414
waits 20 ms before turning ON the nFET through a
soft-start delay. ACK pin indicates the FET is
completely turned ON.
The typical application interface for the TPD1S414 is
the VBUS line in USB connectors. Typical end
equipment for TPD1S414 are mobiles phones,
tablets, wearables, and electronic-point-of-sale
(EPOS). The TPD1S414 can also be applied to any
system using an interface with a 5-V power rail.




Similar Part No. - TPD1S414

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD1S414 TI1-TPD1S414 Datasheet
1Mb / 18P
USB CHARGER OVP SWITCH WITH ESD FOR VBUS_CON PIN
TPD1S414 TI1-TPD1S414 Datasheet
1Mb / 19P
USB CHARGER OVP SWITCH WITH ESD FOR V
TPD1S414YZR TI1-TPD1S414YZR Datasheet
1Mb / 18P
USB CHARGER OVP SWITCH WITH ESD FOR VBUS_CON PIN
TPD1S414 TI1-TPD1S414_14 Datasheet
1Mb / 19P
USB CHARGER OVP SWITCH WITH ESD FOR V
More results


Similar Description - TPD1S414

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14529E MAXIM-MAX14529E Datasheet
197Kb / 9P
Overvoltage Protection with USB Charger Detection, LDO, and ESD Protection on D/D-
Rev 0; 2/09
logo
ON Semiconductor
NCP362 ONSEMI-NCP362 Datasheet
727Kb / 16P
USB Positive Overvoltage and Overcurrent Protection with TVS for VBUS and Low Capacitance ESD Diodes for Data
March, 2009 ??Rev. 0
logo
Texas Instruments
TPD1S514X TI1-TPD1S514X Datasheet
1Mb / 28P
Family USB Charger Over Voltage, Surge and ESD Protection for V(BUS) PIN
TPD6S300 TI1-TPD6S300 Datasheet
77Kb / 4P
USB Type-C Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
TPD8S300 TI1-TPD8S300 Datasheet
79Kb / 4P
USB Type-C Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
TPD8S300A TI1-TPD8S300A Datasheet
1Mb / 35P
USB Type-C Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
TPD6S300A TI1-TPD6S300A Datasheet
1Mb / 35P
USB Type-C Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
logo
Will Semiconductor Ltd.
WS3225C WILLSEMI-WS3225C Datasheet
773Kb / 14P
USB TYPE-C Port Protection Switch With Short-to-VBUS Overvoltage and IEC ESD Protection
logo
Maxim Integrated Produc...
MAX14529 MAXIM-MAX14529 Datasheet
266Kb / 9P
Overvoltage Protection with USB Charger Detection, LDO, and ESD Protection on D/D-
Rev 0; 2/09
logo
Diodes Incorporated
AP22953 DIODES-AP22953 Datasheet
1Mb / 12P
SWITCH FOR VBUS LINE WITH OVERVOLTAGE, SURGE, AND ESD PROTECTION
January 2022 Rev. 1 - 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com