Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP22953 Datasheet (PDF) - Diodes Incorporated

AP22953 Datasheet PDF - Diodes Incorporated
Part # AP22953
Download  AP22953 Download
File Size   1285.86 Kbytes
Page   12 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SWITCH FOR VBUS LINE WITH OVERVOLTAGE, SURGE, AND ESD PROTECTION

AP22953 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP22953 Datasheet PDF - Diodes Incorporated

Part # AP22953
Download  AP22953 Click to download

File Size   1285.86 Kbytes
Page   12 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SWITCH FOR VBUS LINE WITH OVERVOLTAGE, SURGE, AND ESD PROTECTION

AP22953 Datasheet (HTML) - Diodes Incorporated


AP22953 Product details

Features
- Surge protection
- IEC61000-4-5 >100V
- Integrated 39mΩ (typ) N-Channel MOSFET Switch
- Overvoltage Protection (OVP) at VBUS_CON Up to 30VDC
- Integrated Input Enable and Status Output Signal
- Overtemperature Protection (OTP)
- ESD Protection
- Human Body Model >4kV
- Charged Device Model >1kV
- IEC61000-4-2 Air Discharge >15kV
- IEC61000-4-2 Contact Discharge >15kV
- Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
- Halogen and Antimony Free. “Green” Device (Note 3)
- For automotive applications requiring specific change control

Applications
- Smartphones
- Tablet PCs
- Wearables
- Electronic-Point-of-Sale (EPOS) Systems




Similar Part No. - AP22953

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP22950 DIODES-AP22950 Datasheet
988Kb / 15P
HIGH-VOLTAGE USB PD VBUS SINK PATH POWER SWITCH
May 2025 Rev. 2 - 2
AP22950 DIODES-AP22950 Datasheet
363Kb / 2P
Overvoltage-Protected High-Side Switch with 110V Surge Protection Improves USB PD 3.1 SPR Port Robustness
September 2025
AP22950CZ15-7 DIODES-AP22950CZ15-7 Datasheet
988Kb / 15P
HIGH-VOLTAGE USB PD VBUS SINK PATH POWER SWITCH
May 2025 Rev. 2 - 2
AP22950CZ15-7 DIODES-AP22950CZ15-7 Datasheet
363Kb / 2P
Overvoltage-Protected High-Side Switch with 110V Surge Protection Improves USB PD 3.1 SPR Port Robustness
September 2025
AP22950 DIODES-AP22950_V01 Datasheet
363Kb / 2P
Overvoltage-Protected High-Side Switch with 110V Surge Protection Improves USB PD 3.1 SPR Port Robustness
September 2025
More results


Similar Description - AP22953

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP721 LITTELFUSE-SP721 Datasheet
97Kb / 6P
Electronic Protection Array for ESD and Overvoltage Protection
logo
ON Semiconductor
NCP362 ONSEMI-NCP362 Datasheet
727Kb / 16P
USB Positive Overvoltage and Overcurrent Protection with TVS for VBUS and Low Capacitance ESD Diodes for Data
March, 2009 ??Rev. 0
logo
Texas Instruments
TPD8S300 TI1-TPD8S300 Datasheet
79Kb / 4P
USB Type-C Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
logo
Semtech Corporation
RCLAMP0512TQ SEMTECH-RCLAMP0512TQ Datasheet
2Mb / 13P
2-Line Surge and ESD Protection
RCLAMP3324P SEMTECH-RCLAMP3324P_16 Datasheet
755Kb / 8P
4-Line Surge and ESD Protection
logo
Texas Instruments
TPD8S300A TI1-TPD8S300A Datasheet
1Mb / 35P
USB Type-C Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
TPD6S300A TI1-TPD6S300A Datasheet
1Mb / 35P
USB Type-C Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
logo
Will Semiconductor Ltd.
WS3225C WILLSEMI-WS3225C Datasheet
773Kb / 14P
USB TYPE-C Port Protection Switch With Short-to-VBUS Overvoltage and IEC ESD Protection
logo
Kinetic Technologies.
KTS1680A KINETIC-KTS1680A Datasheet
500Kb / 9P
Overvoltage Protected Load Switch with Surge Protection
June 2019 - Revision 04a
KTS1680C KINETIC-KTS1680C Datasheet
539Kb / 10P
Overvoltage Protected Load Switch with Surge Protection
October 2021 - Revision 04c
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com