Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP22950 Datasheet (PDF) - Diodes Incorporated

AP22950 Datasheet PDF - Diodes Incorporated
Part # AP22950
Download  AP22950 Download
File Size   988.35 Kbytes
Page   15 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description HIGH-VOLTAGE USB PD VBUS SINK PATH POWER SWITCH

AP22950 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP22950 Datasheet PDF - Diodes Incorporated

Part # AP22950
Download  AP22950 Click to download

File Size   988.35 Kbytes
Page   15 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description HIGH-VOLTAGE USB PD VBUS SINK PATH POWER SWITCH

AP22950 Datasheet (HTML) - Diodes Incorporated


AP22950 Product details

Features
• Wide Input-Voltage Range from 2.5V to 22.5V Complies with
SPR (Standard Power Rating) Requirement of USB PD 3.X
• ISW Maximum 5A Continuous Current
• 29V Tolerance on Both VBUS and VINT Pin
• 30mΩ Low ON Resistance
• Adjustable VBUS Overvoltage Protection Threshold
• Slew Rate Control for Inrush Current Limit
• Protection Features:
o Thermal Shutdown (Overtemperature Protection)
o Overvoltage Protection
o Undervoltage Lockout
o Reverse Current Protection
• Surge/ESD Protection:
o IEC61000-4-5 Exceeds ±100V on VBUS Without
Capacitor
o IEC61000-4-5 Exceeds ±110V on VBUS with 22μF
Capacitor
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/104/200, PPAP
capable, and manufactured in IATF 16949 certified facilities),
please contact us or your local Diodes representative.

Applications
• Laptops and accessories
• Smartphones, tablet PCs
• Portable speakers, wearable devices




Similar Part No. - AP22950

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP22950 DIODES-AP22950 Datasheet
363Kb / 2P
Overvoltage-Protected High-Side Switch with 110V Surge Protection Improves USB PD 3.1 SPR Port Robustness
September 2025
AP22950CZ15-7 DIODES-AP22950CZ15-7 Datasheet
363Kb / 2P
Overvoltage-Protected High-Side Switch with 110V Surge Protection Improves USB PD 3.1 SPR Port Robustness
September 2025
AP22950 DIODES-AP22950_V01 Datasheet
363Kb / 2P
Overvoltage-Protected High-Side Switch with 110V Surge Protection Improves USB PD 3.1 SPR Port Robustness
September 2025
More results


Similar Description - AP22950

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65981 TI1-TPS65981 Datasheet
140Kb / 7P
USB Type-C and USB PD Controller Power Switch
logo
STMicroelectronics
STUSB4500 STMICROELECTRONICS-STUSB4500 Datasheet
848Kb / 41P
Standalone USB PD sink controller with short-to-VBUS protections
Jul-2018
STUSB4710 STMICROELECTRONICS-STUSB4710 Datasheet
1Mb / 34P
Autonomous USB PD controller with integrated discharge path
13-Nov-2017
logo
NXP Semiconductors
NX20P3483UK NXP-NX20P3483UK Datasheet
5Mb / 43P
USB PD and Type-C high voltage sink/source combo switch with protection
Rev. 2-4 March 2019
NX20P5090 NXP-NX20P5090 Datasheet
1Mb / 28P
High voltage USB PD power switch
Rev. 1-14 October 2016
logo
Kinetic Technologies.
KTS1696A KINETIC-KTS1696A Datasheet
2Mb / 19P
7ARMS VBUS Current-Sink Protection Load Switch
November 2021 - Revision 04b
KTS1697A KINETIC-KTS1697A Datasheet
1Mb / 19P
7ARMS VBUS Current-Sink Protection Load Switch
January 2022 - Revision 04a
KTS1698 KINETIC-KTS1698 Datasheet
1Mb / 17P
5ARMS VBUS Current-Sink Protection Load Switch
July 2022 - Revision 04a
logo
Guangdong Youtai Semico...
BSD3A031V UMW-BSD3A031V Datasheet
518Kb / 4P
USB Vbus
BSD3A051V UMW-BSD3A051V Datasheet
564Kb / 4P
USB Vbus
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com