Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPIC2603 Datasheet (PDF) - Texas Instruments

TPIC2603 Datasheet PDF - Texas Instruments
Part # TPIC2603
Download  TPIC2603 Download
File Size   373.51 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER

TPIC2603 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPIC2603 Datasheet PDF - Texas Instruments

Part # TPIC2603
Download  TPIC2603 Click to download

File Size   373.51 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER

TPIC2603 Datasheet (HTML) - Texas Instruments


TPIC2603 Product details

Serial Control With Diagnostics
Six Power DMOS Transistor Outputs of
350-mA Continuous Current
Internal 60-V Inductive Load Clamp
Independent ON-State
Shorted-Load/Short-to-Battery Fault
Detection on All Drain Terminals
Independent OFF-State Open-Load Fault
Sense on All Drain Terminals
Transition of Drain Outputs to Low Duty
Cycle Pulsed-Width-Modulation (PWM)
Mode for Over-Current Condition
Over-Battery-Voltage-Lockout Protection
Over-Temperature Sense With Serial
Interface Fault Status
Fault Diagnostics Returned Through Serial
Output Terminal
Internal Power-On Reset of Registers
CMOS Compatible Inputs With Hysteresis

description
The TPIC2603 is a monolithic low-side driver which
provides serial interface and diagnostics to control
six on-board power DMOS switches. Each channel
has independent OFF-state open-load sense,
ON-state shorted-load/short-to-battery protection,
over-battery-voltage-lockout protection, and
over-temperature sense with fault status reported
through the serial interface. The device also
provides inductive voltage transient protection for
each drain output. The TPIC2603 drives inductive
and resistive loads such as relays, valves, and
lamps.
Serial data input (SDI) is transferred through the serial register when CS is low on low-to-high transitions of the
serial clock (SCLK). Each string of data must consist of 8 or 16 bits of data. A logic high input data bit turns the
respective output channel ON and a logic low data bit turns it OFF. CS must be transited high after all of the serial
data has been clocked into the device. A low-to-high transition of CS transfers the last six bits of serial data to
the output buffer, places the serial data out (SDO) terminal in a high-impedance state, and re-enables the fault
register. Fault data for the device is sent out the SDO terminal. The first bit of the shift register is exclusively
ORed with the fault registers. When a fault exists, the SDI data is inverted as it is transferred out of SDO. Fault
data consists of fault flags for over-temperature (bit 6) and shorted/open-load (bits 0-5) for each of the six output
channels. Fault register bits are set or cleared asynchronously, when CS is high to reflect the current state of
the hardware. The fault must be present when CS is transited from high to low to be captured and reported in
the serial fault data. New faults cannot be captured in the serial register when CS is low.




Similar Part No. - TPIC2603

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2603 TI-TPIC2603 Datasheet
243Kb / 17P
6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER
TPIC2603 TI-TPIC2603 Datasheet
577Kb / 19P
6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER
TPIC2603DW TI-TPIC2603DW Datasheet
243Kb / 17P
6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER
TPIC2603DW TI-TPIC2603DW Datasheet
577Kb / 19P
6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER
TPIC2603DWG4 TI-TPIC2603DWG4 Datasheet
577Kb / 19P
6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER
More results


Similar Description - TPIC2603

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2603 TI-TPIC2603 Datasheet
243Kb / 17P
6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER
logo
ELMOS Semiconductor AG
E910.01 ELMOS-E910.01 Datasheet
122Kb / 1P
Low side driver (8 channel, serial interface)
logo
Texas Instruments
DRV8804 TI1-DRV8804 Datasheet
581Kb / 15P
QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
NOVEMBER2011
DRV8804PWP TI1-DRV8804PWP Datasheet
765Kb / 18P
QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
DRV8860 TI1-DRV8860 Datasheet
1Mb / 31P
8 Channel Serial Interface Low-Side Driver
TPIC2603DWG4 TI-TPIC2603DWG4 Datasheet
577Kb / 19P
6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER
DRV8860 TI1-DRV8860 Datasheet
1Mb / 31P
8 Channel Serial Interface Low-Side Driver
DRV8804 TI1-DRV8804_16 Datasheet
1Mb / 27P
Quad Serial Interface Low-Side Driver IC
DRV8806 TI1-DRV8806_16 Datasheet
1Mb / 27P
Quad Serial Interface Low-Side Driver IC
DRV8860 TI1-DRV8860_16 Datasheet
1Mb / 41P
8-Channel Serial Interface Low-Side Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com