Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPIC6B259 Datasheet (PDF) - Texas Instruments

TPIC6B259 Datasheet PDF - Texas Instruments
Part # TPIC6B259
Download  TPIC6B259 Download
File Size   689.13 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description POWER LOGIC 8-BIT ADDRESSABLE LATCH

TPIC6B259 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPIC6B259 Datasheet PDF - Texas Instruments

Part # TPIC6B259
Download  TPIC6B259 Click to download

File Size   689.13 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description POWER LOGIC 8-BIT ADDRESSABLE LATCH

TPIC6B259 Datasheet (HTML) - Texas Instruments


TPIC6B259 Product details

Low rDS(on) . . . 5 W Typical
Avalanche Energy . . . 30 mJ
Eight Power DMOS-Transistor Outputs of
150-mA Continuous Current
500-mA Typical Current-Limiting Capability
Output Clamp Voltage . . . 50 V
Four Distinct Function Modes
Low Power Consumption

description
This power logic 8-bit addressable latch controls
open-drain DMOS-transistor outputs and is
designed for general-purpose storage
applications in digital systems. Specific uses
include working registers, serial-holding registers,
and decoders or demultiplexers. This is a multifunctional
device capable of storing single-line
data in eight addressable latches and 3-to-8
decoder or demultiplexer with active-low DMOS
outputs.
Four distinct modes of operation are selectable by
controlling the clear (CLR) and enable (G) inputs
as enumerated in the function table. In the
addressable-latch mode, data at the data-in (D)
terminal is written into the addressed latch. The
addressed DMOS-transistor output inverts the
data input with all unaddressed DMOS-transistor
outputs remaining in their previous states. In the
memory mode, all DMOS-transistor outputs
remain in their previous states and are unaffected
by the data or address inputs. To eliminate the
possibility of entering erroneous data in the latch,
enable G should be held high (inactive) while the
address lines are changing. In the 3-to-8 decoding
or demultiplexing mode, the addressed output is
inverted with respect to the D input and all other
outputs are off. In the clear mode, all outputs are off and unaffected by the address and data inputs. When data
is low for a given output, the DMOS-transistor output is off. When data is high, the DMOS-transistor output has
sink-current capability.
Outputs are low-side, open-drain DMOS transistors with output ratings of 50 V and 150-mA continuous
sink-current capability. Each output provides a 500-mA typical current limit at TC = 25°C. The current limit
decreases as the junction temperature increases for additional device protection.
The TPIC6B259 is characterized for operation over the operating case temperature range of –40°C to 125°C.




Similar Part No. - TPIC6B259

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC6B259 TI-TPIC6B259 Datasheet
159Kb / 11P
POWER LOGIC 8-BIT ADDRESSABLE LATCH
TPIC6B259 TI1-TPIC6B259 Datasheet
1Mb / 19P
POWER LOGIC 8-BIT ADDRESSABLE LATCH
TPIC6B259DW TI-TPIC6B259DW Datasheet
159Kb / 11P
POWER LOGIC 8-BIT ADDRESSABLE LATCH
TPIC6B259DW TI1-TPIC6B259DW Datasheet
1Mb / 19P
POWER LOGIC 8-BIT ADDRESSABLE LATCH
TPIC6B259DWG4 TI1-TPIC6B259DWG4 Datasheet
1Mb / 19P
POWER LOGIC 8-BIT ADDRESSABLE LATCH
More results


Similar Description - TPIC6B259

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4724B STMICROELECTRONICS-HCC4724B Datasheet
302Kb / 14P
8 BIT ADDRESSABLE LATCH
Sep-1988
STPIC6A259 STMICROELECTRONICS-STPIC6A259 Datasheet
387Kb / 13P
POWER LOGIC 8-BIT ADDRESSABLE LATCH
Mar-2001
logo
Texas Instruments
TPIC6259 TI-TPIC6259 Datasheet
165Kb / 10P
POWER LOGIC 8-BIT ADDRESSABLE LATCH
TPIC6A259 TI-TPIC6A259 Datasheet
180Kb / 11P
POWER LOGIC 8-BIT ADDRESSABLE LATCH
TPIC6B259 TI-TPIC6B259 Datasheet
159Kb / 11P
POWER LOGIC 8-BIT ADDRESSABLE LATCH
logo
Fairchild Semiconductor
DM9334 FAIRCHILD-DM9334 Datasheet
65Kb / 5P
8-Bit Addressable Latch
logo
Hitachi Semiconductor
HD74AC259 HITACHI-HD74AC259 Datasheet
69Kb / 11P
8-bit Addressable Latch
logo
Texas Instruments
TPIC6259DWG4 TI-TPIC6259DWG4 Datasheet
879Kb / 16P
POWER LOGIC 8-BIT ADDRESSABLE LATCH
TPIC6A259 TI1-TPIC6A259_12 Datasheet
246Kb / 13P
POWER LOGIC 8-BIT ADDRESSABLE LATCH
TPIC6B259 TI1-TPIC6B259_16 Datasheet
1Mb / 19P
POWER LOGIC 8-BIT ADDRESSABLE LATCH
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com