Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VHCT238A Datasheet (PDF) - STMicroelectronics

74VHCT238A Datasheet PDF - STMicroelectronics
Part # 74VHCT238A
Download  74VHCT238A Download
File Size   63.38 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3 TO 8 LINE DECODER

74VHCT238A Datasheet (PDF)

Go To PDF Page Download Datasheet
74VHCT238A Datasheet PDF - STMicroelectronics

Part # 74VHCT238A
Download  74VHCT238A Click to download

File Size   63.38 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3 TO 8 LINE DECODER

74VHCT238A Datasheet (HTML) - STMicroelectronics


74VHCT238A Product details

DESCRIPTION
The 74VHCT238A is an advanced high-speed CMOS 3 TO 8 LINE DECODER fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology.
   
■ HIGH SPEED: tPD = 8 ns (TYP.) at VCC = 5V
■ LOW POWER DISSIPATION:
    ICC =4 µA (MAX.) at TA = 25 oC
■ COMPATIBLEWITH TTL OUTPUTS:
    VIH = 2V (MIN), VIL = 0.8V(MAX)
■ POWERDOWN PROTECTIONON INPUTS &
    OUTPUTS
■ SYMMETRICAL OUTPUT IMPEDANCE:
    |IOH| = IOL = 8 mA (MIN)
■ BALANCEDPROPAGATIONDELAYS:
    tPLH ≅ tPHL
■ OPERATING VOLTAGERANGE:
    VCC (OPR)= 4.5V to 5.5V
■ PIN AND FUNCTION COMPATIBLE WITH
    74 SERIES 238
■ IMPROVED LATCH-UP IMMUNITY
   




Similar Part No. - 74VHCT238A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHCT238A STMICROELECTRONICS-74VHCT238A Datasheet
294Kb / 12P
3 TO 8 LINE DECODER
16-Dec-2004
74VHCT238AMTR STMICROELECTRONICS-74VHCT238AMTR Datasheet
294Kb / 12P
3 TO 8 LINE DECODER
16-Dec-2004
74VHCT238ATTR STMICROELECTRONICS-74VHCT238ATTR Datasheet
294Kb / 12P
3 TO 8 LINE DECODER
16-Dec-2004
74VHCT238A STMICROELECTRONICS-74VHCT238A_04 Datasheet
294Kb / 12P
3 TO 8 LINE DECODER
16-Dec-2004
More results


Similar Description - 74VHCT238A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHCT138A ONSEMI-MC74VHCT138A Datasheet
155Kb / 6P
3-to-8 Line Decoder
1997 REV 0
logo
STMicroelectronics
74VHC238 STMICROELECTRONICS-74VHC238 Datasheet
64Kb / 8P
3 TO 8 LINE DECODER
Jun-1999
logo
Toshiba Semiconductor
TC74VHC238F TOSHIBA-TC74VHC238F Datasheet
234Kb / 6P
3-TO-8 LINE DECODER
TC74VHCT138AF TOSHIBA-TC74VHCT138AF Datasheet
240Kb / 7P
3-TO-8 LINE DECODER
TC7MH238FK TOSHIBA-TC7MH238FK Datasheet
204Kb / 5P
3-TO-8 LINE DECODER
logo
Fairchild Semiconductor
MM74HC138 FAIRCHILD-MM74HC138 Datasheet
73Kb / 7P
3-to-8 Line Decoder
logo
Toshiba Semiconductor
TC74HC138AP TOSHIBA-TC74HC138AP_07 Datasheet
336Kb / 9P
3-to-8 Line Decoder
TC7MH238FK TOSHIBA-TC7MH238FK_07 Datasheet
190Kb / 7P
3-to-8 Line Decoder
TC74HCT138AF TOSHIBA-TC74HCT138AF_12 Datasheet
236Kb / 7P
3-to-8 Line Decoder
74VHC138FT TOSHIBA-74VHC138FT Datasheet
208Kb / 9P
3-to-8 Line Decoder
2016-08-18
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com