Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74VHCT138AF Datasheet (PDF) - Toshiba Semiconductor

TC74VHCT138AF Datasheet PDF - Toshiba Semiconductor
Part # TC74VHCT138AF
Download  TC74VHCT138AF Download
File Size   240.36 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 3-TO-8 LINE DECODER

TC74VHCT138AF Datasheet (PDF)

Go To PDF Page Download Datasheet
TC74VHCT138AF Datasheet PDF - Toshiba Semiconductor

Part # TC74VHCT138AF
Download  TC74VHCT138AF Click to download

File Size   240.36 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 3-TO-8 LINE DECODER

TC74VHCT138AF Datasheet (HTML) - Toshiba Semiconductor


TC74VHCT138AF Product details

The TC74VHCT138 is an advanced high speed CMOS 3-to-8 LINE DECODER fabricatedwith silicon gate C2MOS technology. It achieves the high speed operation similar to equivalent Bipolar Schottky TTL while maintaining the CMOS low power dissipation.



Features

•  High speed: tpd =7.6 ns (typ.) at VCC =5 V

•  Low power dissipation: ICC =4 μA (max) at Ta =25°C

•  Compatible with TTL outputs: VIL =0.8 V (max) VIH =2.0 V (min)

•  Power down protection is provided on all inputs and outputs

•  Balanced propagation delays: tpLH∼=− tpHL

•  Pin and function compatible with the 74 series (74AC/HC/F/ALS/LS etc.) 138 type.




Similar Part No. - TC74VHCT138AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHCT138AF TOSHIBA-TC74VHCT138AF Datasheet
459Kb / 8P
3-to-8 Line Decoder
2019-01-31
TC74VHCT138AFK TOSHIBA-TC74VHCT138AFK Datasheet
459Kb / 8P
3-to-8 Line Decoder
2019-01-31
TC74VHCT138AF TOSHIBA-TC74VHCT138AF_07 Datasheet
265Kb / 10P
3-to-8 Line Decoder
TC74VHCT138AF TOSHIBA-TC74VHCT138AF_V01 Datasheet
459Kb / 8P
3-to-8 Line Decoder
2019-01-31
More results


Similar Description - TC74VHCT138AF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHCT138A ONSEMI-MC74VHCT138A Datasheet
155Kb / 6P
3-to-8 Line Decoder
1997 REV 0
logo
STMicroelectronics
74VHC238 STMICROELECTRONICS-74VHC238 Datasheet
64Kb / 8P
3 TO 8 LINE DECODER
Jun-1999
74VHCT238A STMICROELECTRONICS-74VHCT238A Datasheet
63Kb / 8P
3 TO 8 LINE DECODER
Mar-2000
logo
Toshiba Semiconductor
TC74VHC238F TOSHIBA-TC74VHC238F Datasheet
234Kb / 6P
3-TO-8 LINE DECODER
TC7MH238FK TOSHIBA-TC7MH238FK Datasheet
204Kb / 5P
3-TO-8 LINE DECODER
logo
Fairchild Semiconductor
MM74HC138 FAIRCHILD-MM74HC138 Datasheet
73Kb / 7P
3-to-8 Line Decoder
logo
Toshiba Semiconductor
TC74HC138AP TOSHIBA-TC74HC138AP_07 Datasheet
336Kb / 9P
3-to-8 Line Decoder
TC7MH238FK TOSHIBA-TC7MH238FK_07 Datasheet
190Kb / 7P
3-to-8 Line Decoder
TC74HCT138AF TOSHIBA-TC74HCT138AF_12 Datasheet
236Kb / 7P
3-to-8 Line Decoder
74VHC138FT TOSHIBA-74VHC138FT Datasheet
208Kb / 9P
3-to-8 Line Decoder
2016-08-18
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com