Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74VHCT138AFK Datasheet (PDF) - Toshiba Semiconductor

TC74VHCT138AFK Datasheet PDF - Toshiba Semiconductor
Part # TC74VHCT138AFK
Download  TC74VHCT138AFK Download
File Size   459.37 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 3-to-8 Line Decoder

TC74VHCT138AFK Datasheet (PDF)

Go To PDF Page Download Datasheet
TC74VHCT138AFK Datasheet PDF - Toshiba Semiconductor

Part # TC74VHCT138AFK
Download  TC74VHCT138AFK Click to download

File Size   459.37 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 3-to-8 Line Decoder

TC74VHCT138AFK Datasheet (HTML) - Toshiba Semiconductor


TC74VHCT138AFK Product details

The TC74VHCT138 is an advanced high speed CMOS 3-to-8 LINE
DECODER fabricated with silicon gate C2MOS technology. It achieves the
high speed operation similar to equivalent Bipolar Schottky TTL while
maintaining the CMOS low power dissipation.
When the device is enabled, 3 Binary Select inputs (A, B and C) determine
which one of the outputs (
Y0
to
Y7
) will go low.
When enable input G1 is held low or either
G2A
or
G2B
is held high,
decoding function is inhibited and all outputs go high. G1,
G2A
, and
G2B
inputs are provided to ease cascade connection and for use as an address
decoder for memory systems.
The input voltage are compatible with TTL output voltage.
This device may be used as a level converter for interfacing 3.3 V to 5 V
system.
Input protection and output circuit ensure that 0 to 5.5 V can be applied to
the input and output (Note) pins without regard to the supply voltage. These
structure prevents device destruction due to mismatched supply and
input/output voltages such as battery back up, hot board insertion, etc.
Note: VCC = 0 V

Features
 High speed: tpd = 7.6 ns (typ.) at VCC = 5 V
 Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
 Compatible with TTL inputs: VIL = 0.8 V (max)
VIH = 2.0 V (min)
 Power down protection is provided on all inputs and outputs
 Balanced propagation delays: tpLH ≈ tpHL
 Pin and function compatible with the 74 series (74AC/HC/F/ALS/LS etc.) 138 type.




Similar Part No. - TC74VHCT138AFK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHCT138AF TOSHIBA-TC74VHCT138AF Datasheet
240Kb / 7P
3-TO-8 LINE DECODER
TC74VHCT138AFN TOSHIBA-TC74VHCT138AFN Datasheet
240Kb / 7P
3-TO-8 LINE DECODER
TC74VHCT138AFT TOSHIBA-TC74VHCT138AFT Datasheet
240Kb / 7P
3-TO-8 LINE DECODER
TC74VHCT138AF TOSHIBA-TC74VHCT138AF_07 Datasheet
265Kb / 10P
3-to-8 Line Decoder
More results


Similar Description - TC74VHCT138AFK

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC238 STMICROELECTRONICS-74VHC238 Datasheet
64Kb / 8P
3 TO 8 LINE DECODER
Jun-1999
74VHCT238A STMICROELECTRONICS-74VHCT238A Datasheet
63Kb / 8P
3 TO 8 LINE DECODER
Mar-2000
logo
Toshiba Semiconductor
TC74VHC238F TOSHIBA-TC74VHC238F Datasheet
234Kb / 6P
3-TO-8 LINE DECODER
TC74VHCT138AF TOSHIBA-TC74VHCT138AF Datasheet
240Kb / 7P
3-TO-8 LINE DECODER
TC7MH238FK TOSHIBA-TC7MH238FK Datasheet
204Kb / 5P
3-TO-8 LINE DECODER
logo
Fairchild Semiconductor
MM74HC138 FAIRCHILD-MM74HC138 Datasheet
73Kb / 7P
3-to-8 Line Decoder
logo
Toshiba Semiconductor
TC74HC138AP TOSHIBA-TC74HC138AP_07 Datasheet
336Kb / 9P
3-to-8 Line Decoder
TC7MH238FK TOSHIBA-TC7MH238FK_07 Datasheet
190Kb / 7P
3-to-8 Line Decoder
TC74HCT138AF TOSHIBA-TC74HCT138AF_12 Datasheet
236Kb / 7P
3-to-8 Line Decoder
74VHC138FT TOSHIBA-74VHC138FT Datasheet
208Kb / 9P
3-to-8 Line Decoder
2016-08-18
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com