Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPL5110 Datasheet (PDF) - Texas Instruments

TPL5110 Datasheet PDF - Texas Instruments
Part # TPL5110
Download  TPL5110 Download
File Size   585.18 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPL5010 Nano-Power System Timer With Watchdog Function

TPL5110 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPL5110 Datasheet PDF - Texas Instruments

Part # TPL5110
Download  TPL5110 Click to download

File Size   585.18 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPL5010 Nano-Power System Timer With Watchdog Function

TPL5110 Datasheet (HTML) - Texas Instruments


TPL5110 Product details

1 Features
1• Supply Voltage From 1.8 V to 5.5 V
• Current Consumption at 2.5 V and 35 nA (Typical)
• Selectable Time Intervals: 100 ms to 7200 s
• Timer Accuracy: 1% (Typical)
• Resistor Selectable Time Interval
• Watchdog Functionality
• Manual Reset

2 Applications
• Battery-Powered Systems
• Internet of Things (IoT)
• Intruder Detection
• Tamper Detection
• Home Automation Sensors
• Thermostats
• Consumer Electronics
• Remote Sensors
• White Goods

3 Description
The TPL5010 Nano Timer is an ultra-low power timer
with a watchdog feature designed for system wake up
in duty-cycled, battery-powered applications such as
those in IoT. Many of these applications require the
use of a μC, so it is desirable to keep the μC in a low
power mode to maximize current savings, waking up
only during certain time intervals to collect data or
service an interrupt. Although the internal timer of the
μC can be used for system wake-up, it can singlehandedly
consume microamps of total system
current.
Consuming only 35 nA, the TPL5010 can replace the
functionality of the integrated μC timer. This allows
the μC to be placed in a much lower power mode,
with the internal timer off, returning only to active
mode upon an interrupt by the TPL5010. By offering
power savings of almost two orders of magnitude, the
TPL5010 enables the use of significantly smaller
batteries for energy harvesting or wireless sensor
applications. The TPL5010 provides selectable timing
intervals from 100 ms to 7200 s and is designed for
interrupt-driven applications. Some standards (such
as EN50271) require implementation of a watchdog
for safety and the TPL5010 realizes this watchdog
function at almost no additional power consumption.
The TPL5010 is available in a 6-pin SOT23 package.




Similar Part No. - TPL5110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL5110 TI1-TPL5110 Datasheet
935Kb / 26P
Supply Voltage from 1.8V to 5.5V
TPL5110 TI1-TPL5110 Datasheet
933Kb / 26P
TPL5110 Nano-power System Timer for Power Gating
TPL5110 TI2-TPL5110 Datasheet
588Kb / 27P
TPL5110 Nano-Power System Timer for Power Gating
REVISED SEPTEMBER 2018
TPL5110 TI2-TPL5110 Datasheet
591Kb / 27P
TPL5010 Nano-Power System Timer With Watchdog Function
REVISED SEPTEMBER 2018
TPL5110 TI2-TPL5110 Datasheet
1Mb / 29P
TPL5110-Q1 AEC-Q100 Nano-Power System Timer for Power Gating
REVISED SEPTEMBER 2021
More results


Similar Description - TPL5110

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE56604-42 PHILIPS-NE56604-42 Datasheet
174Kb / 17P
System reset with built-in Watchdog timer
2003 Oct 15
logo
Mitsumi Electronics, Co...
MM1142 MITSUMI-MM1142 Datasheet
135Kb / 5P
System Reset (with built-in watchdog timer)
logo
Mitsubishi Electric Sem...
M62050P MITSUBISHI-M62050P Datasheet
50Kb / 4P
3V supply SYSTEM RESET with watchdog timer
logo
NXP Semiconductors
NE56605-42 PHILIPS-NE56605-42 Datasheet
176Kb / 16P
System reset with built-in watchdog timer
2001 Aug 22
logo
Texas Instruments
TPL5000 TI-TPL5000 Datasheet
740Kb / 15P
TPL5000 Nano Power Programmable Timer with Watchdog Functionality
TPL5000DGSR TI1-TPL5000DGSR Datasheet
719Kb / 15P
TPL5000 Nano Power Programmable Timer with Watchdog Functionality
TPL5111 TI1-TPL5111 Datasheet
1Mb / 25P
Nano-Power System Timer for Power Gating
logo
New Japan Radio
NJU7291 NJRC-NJU7291 Datasheet
276Kb / 10P
SYSTEM RESET IC WITH WATCHDOG TIMER
logo
Texas Instruments
TPL5010 TI1-TPL5010_16 Datasheet
934Kb / 25P
TPL5010 Nano-power System Timer with Watchdog Function
TPL5010-Q1 TI1-TPL5010-Q1 Datasheet
380Kb / 22P
AEC-Q100 Nano-Power System Timer with Watchdog Function
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com