Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPL5110 Datasheet (PDF) - Texas Instruments

TPL5110 Datasheet PDF - Texas Instruments
Part # TPL5110
Download  TPL5110 Download
File Size   1127.44 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPL5110-Q1 AEC-Q100 Nano-Power System Timer for Power Gating

TPL5110 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPL5110 Datasheet PDF - Texas Instruments

Part # TPL5110
Download  TPL5110 Click to download

File Size   1127.44 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPL5110-Q1 AEC-Q100 Nano-Power System Timer for Power Gating

TPL5110 Datasheet (HTML) - Texas Instruments


TPL5110 Product details

1 Features
• Qualified for automotive applications
• AEC-Q100 qualified with the following results:
– Device temperature grade 1: –40°C to 125°C
ambient operating temperature range
– Device HBM ESD classification level 2
– Device CDM ESD classification level C5
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• Current consumption of 35 nA (typical) at 2.5 V
• Supply voltage from 1.8 V to 5.5 V
• Selectable time intervals: 100 ms to 7200 s
• Timer accuracy: 1% (typical)
• Resistor selectable time interval
• Manual MOSFET power on
• One-shot feature
• TPL5x10Q family of AEC-Q100 nano-power
system timers:
– TPL5010-Q1:Watchdog function with
programmable delay range
– TPL5110-Q1: MOS-driver with programmable
delay range and one-shot feature

2 Applications
• Electric vehicles
• Battery-powered systems
• Clutch actuator circuit
• Car door handle circuit
• Smart key
• Remote current sensor
• Intruder detection

3 Description
The TPL5110-Q1 Nano Timer is a low power, AECQ100
qualified timer with an integrated MOSFET
driver ideal for power gating in duty cycled or battery
powered applications. Consuming only 35nA, the
TPL5110-Q1 can enable the power supply line and
drastically reduce the overall system stand by current
during the sleep time. Such power savings enable
the use of significantly smaller batteries making it
well suited for energy harvesting or wireless sensor
applications. The TPL5110-Q1 provides selectable
timing intervals from 100ms to 7200s and is
designed for power gating applications. In addition,
the TPL5110-Q1 has a unique One-shot feature
where the timer will only power the MOSFET for one
cycle. The TPL5110-Q1 is available in a 6-pin SOT23
package.




Similar Part No. - TPL5110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL5110 TI1-TPL5110 Datasheet
935Kb / 26P
Supply Voltage from 1.8V to 5.5V
TPL5110 TI1-TPL5110 Datasheet
933Kb / 26P
TPL5110 Nano-power System Timer for Power Gating
TPL5110 TI2-TPL5110 Datasheet
585Kb / 27P
TPL5010 Nano-Power System Timer With Watchdog Function
REVISED SEPTEMBER 2018
TPL5110 TI2-TPL5110 Datasheet
588Kb / 27P
TPL5110 Nano-Power System Timer for Power Gating
REVISED SEPTEMBER 2018
TPL5110 TI2-TPL5110 Datasheet
591Kb / 27P
TPL5010 Nano-Power System Timer With Watchdog Function
REVISED SEPTEMBER 2018
More results


Similar Description - TPL5110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL5000 TI1-TPL5000 Datasheet
806Kb / 21P
Nano-Power Programmable Timer
TPL5100 TI1-TPL5100 Datasheet
859Kb / 20P
Nano-Power Programmable Timer
TPL5111 TI1-TPL5111 Datasheet
1Mb / 25P
Nano-Power System Timer for Power Gating
TPL5010 TI1-TPL5010_16 Datasheet
934Kb / 25P
TPL5010 Nano-power System Timer with Watchdog Function
TPL5110 TI1-TPL5110_16 Datasheet
933Kb / 26P
TPL5110 Nano-power System Timer for Power Gating
TPL5111 TI1-TPL5111_16 Datasheet
1Mb / 25P
TPL5111 Nano-Power System Timer for Power Gating
TPL5010-Q1 TI1-TPL5010-Q1 Datasheet
380Kb / 22P
AEC-Q100 Nano-Power System Timer with Watchdog Function
TPL5110-Q1 TI1-TPL5110-Q1 Datasheet
1Mb / 27P
AEC-Q100 Nano-Power System Timer for Power Gating
logo
Monolithic Power System...
MPQ6411 MPS-MPQ6411 Datasheet
317Kb / 14P
Windowed Watchdog Timer AEC-Q100 Qualified
logo
SparkFun Electronics
PRT-15353 SPARKFUN-PRT-15353 Datasheet
216Kb / 2P
SparkFun Nano Power Timer - TPL5110
6??2??9
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com